Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 274 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 274 Page - Microchip Technology

Back Button DO16 Datasheet HTML 270Page - Microchip Technology DO16 Datasheet HTML 271Page - Microchip Technology DO16 Datasheet HTML 272Page - Microchip Technology DO16 Datasheet HTML 273Page - Microchip Technology DO16 Datasheet HTML 274Page - Microchip Technology DO16 Datasheet HTML 275Page - Microchip Technology DO16 Datasheet HTML 276Page - Microchip Technology DO16 Datasheet HTML 277Page - Microchip Technology DO16 Datasheet HTML 278Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 274
 2016-2018 Microchip Technology Inc.
REGISTER 22-1:
CRCCON1: CRC CONTROL 1 REGISTER
R/W-0
U-0
R/W-0
HSC/R-0
HSC/R-0
HSC/R-0
HSC/R-0
HSC/R-0
CRCEN
—
CSIDL
VWORD4
VWORD3
VWORD2
VWORD1
VWORD0
bit 15
bit 8
HSC/R-0
HSC/R-1
R/W-0
HC/R/W-0
R/W-0
U-0
U-0
U-0
CRCFUL
CRCMPT
CRCISEL
CRCGO
LENDIAN
—
—
—
bit 7
bit 0
Legend:
HC = Hardware Clearable bit
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CRCEN: CRC Enable bit
1 = Enables module
0 = Disables module; all state machines, pointers and CRCWDAT/CRCDAT registers reset; other SFRs
are NOT reset
bit 14
Unimplemented: Read as ‘0’
bit 13
CSIDL: CRC Stop in Idle Mode bit
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12-8
VWORD<4:0>: CRC Pointer Value bits
Indicates the number of valid words in the FIFO. Has a maximum value of 8 when PLEN<4:0>
 7 or 16
when PLEN<4:0>
7.
bit 7
CRCFUL: CRC FIFO Full bit
1 = FIFO is full
0 = FIFO is not full
bit 6
CRCMPT: CRC FIFO Empty bit
1 = FIFO is empty
0 = FIFO is not empty
bit 5
CRCISEL: CRC Interrupt Selection bit
1 = Interrupt on FIFO is empty; the final word of data is still shifting through the CRC
0 = Interrupt on shift is complete and results are ready
bit 4
CRCGO: Start CRC bit
1 = Starts CRC serial shifter
0 = CRC serial shifter is turned off
bit 3
LENDIAN: Data Shift Direction Select bit
1 = Data word is shifted into the CRC, starting with the LSb (little endian)
0 = Data word is shifted into the CRC, starting with the MSb (big endian)
bit 2-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com