Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 321 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 321 Page - Microchip Technology

Back Button DO16 Datasheet HTML 317Page - Microchip Technology DO16 Datasheet HTML 318Page - Microchip Technology DO16 Datasheet HTML 319Page - Microchip Technology DO16 Datasheet HTML 320Page - Microchip Technology DO16 Datasheet HTML 321Page - Microchip Technology DO16 Datasheet HTML 322Page - Microchip Technology DO16 Datasheet HTML 323Page - Microchip Technology DO16 Datasheet HTML 324Page - Microchip Technology DO16 Datasheet HTML 325Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 321
PIC24FJ256GA705 FAMILY
REGISTER 27-1:
CTMUCON1L: CTMU CONTROL REGISTER 1 LOW
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CTMUEN
—
CTMUSIDL
TGEN
EDGEN
EDGSEQEN
IDISSEN
CTTRIG
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ITRIM5
ITRIM4
ITRIM3
ITRIM2
ITRIM1
ITRIM0
IRNG1
IRNG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CTMUEN: CTMU Enable bit
1 = Module is enabled
0 = Module is disabled
bit 14
Unimplemented: Read as ‘0’
bit 13
CTMUSIDL: CTMU Stop in Idle Mode bit
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12
TGEN: Time Generation Enable bit
1 = Enables edge delay generation and routes the current source to the comparator pin
0 = Disables edge delay generation and routes the current source to the selected A/D input pin
bit 11
EDGEN: Edge Enable bit
1 = Edges are not blocked
0 = Edges are blocked
bit 10
EDGSEQEN: Edge Sequence Enable bit
1 = Edge 1 event must occur before Edge 2 event can occur
0 = No edge sequence is needed
bit 9
IDISSEN: Analog Current Source Control bit
1 = Analog current source output is grounded
0 = Analog current source output is not grounded
bit 8
CTTRIG: CTMU Trigger Control bit
1 = Trigger output is enabled
0 = Trigger output is disabled
bit 7-2
ITRIM<5:0>: Current Source Trim bits
011111 = Maximum positive change from nominal current
011110
•
•
•
000001 = Minimum positive change from nominal current
000000 = Nominal current output specified by IRNG<1:0>
111111 = Minimum negative change from nominal current
•
•
•
100010
100001 = Maximum negative change from nominal current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com