Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 325 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 325 Page - Microchip Technology

Back Button DO16 Datasheet HTML 321Page - Microchip Technology DO16 Datasheet HTML 322Page - Microchip Technology DO16 Datasheet HTML 323Page - Microchip Technology DO16 Datasheet HTML 324Page - Microchip Technology DO16 Datasheet HTML 325Page - Microchip Technology DO16 Datasheet HTML 326Page - Microchip Technology DO16 Datasheet HTML 327Page - Microchip Technology DO16 Datasheet HTML 328Page - Microchip Technology DO16 Datasheet HTML 329Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 325
PIC24FJ256GA705 FAMILY
REGISTER 27-3:
CTMUCON2L: CTMU CONTROL REGISTER 2 LOW
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—IRSTEN
—
DSCHS2
DSCHS1
DSCHS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
Unimplemented: Read as ‘0’
bit 4
IRSTEN: CTMU Current Source Reset Enable bit
1 = Signal selected by DSCHS<2:0> bits or IDISSEN control bit will reset CTMU edge detect logic
0 = CTMU edge detect logic must be reset by software
bit 3
Unimplemented: Read as ‘0’
bit 2-0
DSCHS<2:0>: Discharge Source Select Bits
111 = CLC2 out
110 = CLC1 out
101 = Disabled
100 = A/D end of conversion
011 = MCCP3 auxiliary output
010 = MCCP2 auxiliary output
001 = MCCP1 auxiliary output
000 = Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com