Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 328 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 328 Page - Microchip Technology

Back Button DO16 Datasheet HTML 324Page - Microchip Technology DO16 Datasheet HTML 325Page - Microchip Technology DO16 Datasheet HTML 326Page - Microchip Technology DO16 Datasheet HTML 327Page - Microchip Technology DO16 Datasheet HTML 328Page - Microchip Technology DO16 Datasheet HTML 329Page - Microchip Technology DO16 Datasheet HTML 330Page - Microchip Technology DO16 Datasheet HTML 331Page - Microchip Technology DO16 Datasheet HTML 332Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 328
 2016-2018 Microchip Technology Inc.
REGISTER 28-1:
HLVDCON: HIGH/LOW-VOLTAGE DETECT CONTROL REGISTER
R/W-0
U-0
R/W-0
U-0
R/W-0
HS/HC/R-0
HS/HC/R-0
HS/HC/R-0
HLVDEN
—LSIDL
—
VDIR
BGVST
IRVST
LVDEVT(2)
bit 15
bit 8
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
HLVDL3
HLVDL2
HLVDL1
HLVDL0
bit 7
bit 0
Legend:
HS = Hardware Settable bit
HC = Hardware Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
HLVDEN: High/Low-Voltage Detect Power Enable bit
1 = HLVD is enabled
0 = HLVD is disabled
bit 14
Unimplemented: Read as ‘0’
bit 13
LSIDL: HLVD Stop in Idle Mode bit
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12
Unimplemented: Read as ‘0’
bit 11
VDIR: Voltage Change Direction Select bit
1 = Event occurs when voltage equals or exceeds trip point (HLVDL<3:0>)
0 = Event occurs when voltage equals or falls below trip point (HLVDL<3:0>)
bit 10
BGVST: Band Gap Voltage Stable Flag bit
1 = Indicates that the band gap voltage is stable
0 = Indicates that the band gap voltage is unstable
bit 9
IRVST: Internal Reference Voltage Stable Flag bit
1 = Internal reference voltage is stable; the High-Voltage Detect logic generates the interrupt flag at the
specified voltage range
0 = Internal reference voltage is unstable; the High-Voltage Detect logic will not generate the interrupt
flag at the specified voltage range and the HLVD interrupt should not be enabled
bit 8
LVDEVT: Low-Voltage Event Status bit(2)
1 = LVD event is true during current instruction cycle
0 = LVD event is not true during current instruction cycle
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
HLVDL<3:0>: High/Low-Voltage Detection Limit bits
1111 = External analog input is used (input comes from the LVDIN pin)
1110 = Trip Point 1(1)
1101 = Trip Point 2(1)
1100 = Trip Point 3(1)
•
•
•
0100 = Trip Point 11(1)
00xx = Unused
Note 1:
For the actual trip point, see Section 32.0 “Electrical Characteristics”.
2:
The LVDIF flag cannot be cleared by software unless LVDEVT = 0. The voltage must be monitored so that
the HLVD condition (as set by VDIR and HLVDL<3:0>) is not asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com