Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 327 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 327 Page - Microchip Technology

Back Button DO16 Datasheet HTML 323Page - Microchip Technology DO16 Datasheet HTML 324Page - Microchip Technology DO16 Datasheet HTML 325Page - Microchip Technology DO16 Datasheet HTML 326Page - Microchip Technology DO16 Datasheet HTML 327Page - Microchip Technology DO16 Datasheet HTML 328Page - Microchip Technology DO16 Datasheet HTML 329Page - Microchip Technology DO16 Datasheet HTML 330Page - Microchip Technology DO16 Datasheet HTML 331Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 327
PIC24FJ256GA705 FAMILY
28.0 HIGH/LOW-VOLTAGE DETECT
(HLVD)
The High/Low-Voltage Detect (HLVD) module is a
programmable circuit that allows the user to specify
both the device voltage trip point and the direction of
change.
An interrupt flag is set if the device experiences an
excursion past the trip point in the direction of change.
If the interrupt is enabled, the program execution will
branch to the interrupt vector address and the software
can then respond to the interrupt. The LVDIF flag may
be set during a POR or BOR event. The firmware
should clear the flag before the application uses it for
the first time, even if the interrupt was disabled.
The HLVD Control register (see Register 28-1)
completely controls the operation of the HLVD module.
This allows the circuitry to be “turned off” by the user
under software control, which minimizes the current.
FIGURE 28-1:
HIGH/LOW-VOLTAGE DETECT (HLVD) MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is
not intended to be a comprehensive
reference source. For more information
on the High/Low-Voltage Detect, refer to
the “dsPIC33/PIC24 Family Reference
Manual”,
“High-Level
Integration
with Programmable High/Low-Voltage
Detect (HLVD)” (DS39725), which is
available from the Microchip website
(www.microchip.com). The information in
this
data
sheet
supersedes
the
information in the FRM.
Set
VDD
HLVDEN
HLVDL<3:0>
LVDIN
VDD
Externally Generated
Trip Point
LVDIF
HLVDEN
Band Gap
VDIR
1.2V Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com