Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 367 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 367 Page - Microchip Technology

Back Button DO16 Datasheet HTML 363Page - Microchip Technology DO16 Datasheet HTML 364Page - Microchip Technology DO16 Datasheet HTML 365Page - Microchip Technology DO16 Datasheet HTML 366Page - Microchip Technology DO16 Datasheet HTML 367Page - Microchip Technology DO16 Datasheet HTML 368Page - Microchip Technology DO16 Datasheet HTML 369Page - Microchip Technology DO16 Datasheet HTML 370Page - Microchip Technology DO16 Datasheet HTML 371Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 367
PIC24FJ256GA705 FAMILY
TABLE 32-8:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VIL
Input Low Voltage(3)
DI10
I/O Pins with ST Buffer
VSS
—
0.2 VDD
V
DI11
I/O Pins with TTL Buffer
VSS
—
0.15 VDD
V
DI15
MCLR
VSS
—
0.2 VDD
V
DI16
OSCI (XT mode)
VSS
—
0.2 VDD
V
DI17
OSCI (HS mode)
VSS
—
0.2 VDD
V
DI18
I/O Pins with I2C Buffer
VSS
—
0.3 VDD
V
DI19
I/O Pins with SMBus Buffer
VSS
—
0.8
V
SMBus is enabled
VIH
Input High Voltage(3)
DI20
I/O Pins with ST Buffer:
with Analog Functions,
Digital Only
0.8 VDD
0.8 VDD
—
—
VDD
5.5
V
V
DI21
I/O Pins with TTL Buffer:
with Analog Functions,
Digital Only
0.25 VDD + 0.8
0.25 VDD + 0.8
—
—
VDD
5.5
V
V
DI25
MCLR
0.8 VDD
—VDD
V
DI26
OSCI (XT mode)
0.7 VDD
—VDD
V
DI27
OSCI (HS mode)
0.7 VDD
—VDD
V
DI28
I/O Pins with I2C Buffer:
with Analog Functions,
Digital Only
0.7 VDD
0.7 VDD
—
—
VDD
5.5
V
V
DI29
I/O Pins with SMBus Buffer:
with Analog Functions,
Digital Only
2.1
2.1
—
—
VDD
5.5
V
V
2.5V
 VPIN  VDD
DI30
ICNPU
CNx Pull-up Current
150
—
450
µA
VDD = 3.3V, VPIN = VSS
DI30A ICNPD
CNx Pull-Down Current
230
—
500
µA
VDD = 3.3V, VPIN = VDD
IIL
Input Leakage Current(2)
DI50
I/O Ports
—
—
±1
µA
VSS
 VPIN  VDD,
pin at high-impedance
DI51
Analog Input Pins
—
—
±1
µA
VSS
 VPIN  VDD,
pin at high-impedance
DI55
MCLR
——
±1
µA
VSS
 VPIN VDD
DI56
OSCI/CLKI
—
—
±1
µA
VSS
 VPIN VDD,
EC, XT and HS modes
Note 1: Data in the “Typ” column is at 3.3V, +25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
2: Negative current is defined as current sourced by the pin.
3: Refer to Table 1-1 for I/O pin buffer types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com