Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 369 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 369 Page - Microchip Technology

Back Button DO16 Datasheet HTML 365Page - Microchip Technology DO16 Datasheet HTML 366Page - Microchip Technology DO16 Datasheet HTML 367Page - Microchip Technology DO16 Datasheet HTML 368Page - Microchip Technology DO16 Datasheet HTML 369Page - Microchip Technology DO16 Datasheet HTML 370Page - Microchip Technology DO16 Datasheet HTML 371Page - Microchip Technology DO16 Datasheet HTML 372Page - Microchip Technology DO16 Datasheet HTML 373Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 369
PIC24FJ256GA705 FAMILY
TABLE 32-11: INTERNAL VOLTAGE REGULATOR SPECIFICATIONS
TABLE 32-12: HIGH/LOW-VOLTAGE DETECT CHARACTERISTICS
Operating Conditions: -40°C < TA < +125°C (unless otherwise stated)
Param
No.
Symbol
Characteristics
Min
Typ
Max Units
Comments
DVR
TVREG
Voltage Regulator Start-up Time
—
10
—
µs
VREGS = 0 with any POR or
BOR
DVR10
VBG
Internal Band Gap Reference
1.14
1.2
1.26
V
DVR11
TBG
Band Gap Reference
Start-up Time
—1
—
ms
DVR20
VRGOUT
Regulator Output Voltage
1.6
1.8
2.0
V
VDD > 1.9V
DVR21
CEFC
External Filter Capacitor Value
10
—
—
µF
Series resistance < 3
recommended; < 5
 required
DVR30
VLVR
Low-Voltage Regulator
Output Voltage
—
1.2
—
V
RETEN = 1, LPCFG = 0
Operating Conditions: -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
DC18
VHLVD
HLVD Voltage on VDD
Transition
HLVDL<3:0> = 0100(1)
3.45
—
3.73
V
HLVDL<3:0> = 0101
3.25
—
3.58
V
HLVDL<3:0> = 0110
2.95
—
3.25
V
HLVDL<3:0> = 0111
2.75
—
3.04
V
HLVDL<3:0> = 1000
2.65
—
2.92
V
HLVDL<3:0> = 1001
2.45
—
2.70
V
HLVDL<3:0> = 1010
2.35
—
2.60
V
HLVDL<3:0> = 1011
2.25
—
2.49
V
HLVDL<3:0> = 1100
2.15
—
2.39
V
HLVDL<3:0> = 1101
2.08
—
2.28
V
HLVDL<3:0> = 1110
2.00
—
2.15
V
DC101 VTHL
HLVD Voltage on
LVDIN Pin Transition
HLVDL<3:0> = 1111
—1.20—
V
DC105 TONLVD HLVD Module Enable Time
—
5
—
µs
From POR or
HLVDEN = 1
Note 1:
Trip points for values of HLVD<3:0>, from ‘0000’ to ‘0011’, are not implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com