Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 402 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 402 Page - Microchip Technology

Back Button DO16 Datasheet HTML 398Page - Microchip Technology DO16 Datasheet HTML 399Page - Microchip Technology DO16 Datasheet HTML 400Page - Microchip Technology DO16 Datasheet HTML 401Page - Microchip Technology DO16 Datasheet HTML 402Page - Microchip Technology DO16 Datasheet HTML 403Page - Microchip Technology DO16 Datasheet HTML 404Page - Microchip Technology DO16 Datasheet HTML 405Page - Microchip Technology DO16 Datasheet HTML 406Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 402
 2016-2018 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Contact Pad Spacing
Contact Pitch
MILLIMETERS
0.50 BSC
MIN
E
MAX
8.40
Contact Pad Length (X48)
Contact Pad Width (X48)
Y1
X1
1.50
0.30
Microchip Technology Drawing C04-2300-PT Rev A
NOM
48-Lead Thin Quad Flatpack (PT) - 7x7x1.0 mm Body [TQFP]
C1
C2
E
X1
Y1
G
C1
Contact Pad Spacing
8.40
Distance Between Pads
G
0.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
SILK SCREEN
12
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com