Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 403 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 403 Page - Microchip Technology

Back Button DO16 Datasheet HTML 399Page - Microchip Technology DO16 Datasheet HTML 400Page - Microchip Technology DO16 Datasheet HTML 401Page - Microchip Technology DO16 Datasheet HTML 402Page - Microchip Technology DO16 Datasheet HTML 403Page - Microchip Technology DO16 Datasheet HTML 404Page - Microchip Technology DO16 Datasheet HTML 405Page - Microchip Technology DO16 Datasheet HTML 406Page - Microchip Technology DO16 Datasheet HTML 407Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 403
PIC24FJ256GA705 FAMILY
APPENDIX A: REVISION HISTORY
Revision A (March 2016)
Original data sheet for the PIC24FJ256GA705 family of
devices.
Revision B (October 2016)
This revision incorporates the following updates:
• Sections:
- Removes Section 9.5 “FRC Active Clock
Tuning”.
- Updates the Absolute Maximum Ratings in
Section 32.0 “Electrical Characteristics”.
- Changes the 48-Lead QFN (7x7 mm) to
48-Lead UQFN (6x6 mm) in Section 33.0
“Packaging Information”.
•Registers:
- Updates Register 9-1, Register 9-3,
Register 9-6, Register 16-5 and Register 16-6
• Tables:
-Adds Table 11-3, Table 11-4 and Table 11-5.
- Updates the GPIO column in the Peripheral
Features table on Page 2.
- Updates Table 2, Table 3, Table 4, Table 5,
Table 6, Table 32-4, Table 32-5, Table 32-6,
Table 32-7 and Table 32-25.
•Figures
- Updates Figure 9-1.
• Changes to text and formatting were incorporated
throughout the document.
Revision C (March 2018)
This revision incorporates the following updates which
also includes “Data Sheet Clarifications” listed in
PIC24FJ256GA705 Family Silicon Errata and Data
Sheet Clarification (DS80000718):
• Sections:
- Updates “Referenced Sources”,
Section 5.0 “Direct Memory Access Con-
troller (DMA)”, Section 5.4 “DMA Regis-
ters”, Section 9.7.2 “Crystal Selection”,
Section 10.2.4 “Low-Voltage Retention
Regulator”, Section 21.0 “Real-Time Clock
and Calendar (RTCC) with Timestamp”,
Section 29.2 “Unique Device Identifier
(UDID)” and Section 29.8 “Customer OTP
Memory”.
- Replaces the 28-Pin UQFN M6 drawings with
28-Pin UQFN MV drawings in Section 33.0
“Packaging Information”; therefore,
“Product Identification System” is also
updated.
• Tables:
- Updates Table 1, Table 1-3, Table 8-2,
Table 10-1, Table 16-2, Table 29-5,
Table 31-1, Table 32-12 and Table 32-24.
•Registers:
- Updates Register 8-6, Register 10-2,
Register 14-1, Register 16-1, Register 17-1,
Register 17-5, Register 19-2, Register 22-3,
Register 22-4, Register 26-1, Register 27-3
and Register 28-1
• Figures:
- Updates Figure 17-1, Figure 18-1, Figure 26-1
and Figure 28-1.
•Example:
- Updates Example 19-1.
Revision D (October 2018)
This revision is updated with the Extended Operating
Ambient Temperature Range of the device, specifically
the following tables:
• Table 32-1
• Table 32-4
• Table 32-5
• Table 32-6
• Table 32-7
• Table 32-11
• Table 32-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com