Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 141 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 141 Page - Microchip Technology

Back Button DO16 Datasheet HTML 137Page - Microchip Technology DO16 Datasheet HTML 138Page - Microchip Technology DO16 Datasheet HTML 139Page - Microchip Technology DO16 Datasheet HTML 140Page - Microchip Technology DO16 Datasheet HTML 141Page - Microchip Technology DO16 Datasheet HTML 142Page - Microchip Technology DO16 Datasheet HTML 143Page - Microchip Technology DO16 Datasheet HTML 144Page - Microchip Technology DO16 Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 141
PIC24FJ256GA705 FAMILY
11.5.6
PERIPHERAL PIN SELECT
REGISTERS
The PIC24FJ256GA705 family of devices implements
a total of 34 registers for remappable peripheral
configuration:
• Input Remappable Peripheral Registers (19)
• Output Remappable Peripheral Registers (15)
Note:
Input and Output register values can only
be changed if IOLOCK (OSCCON<6>) = 0.
See Section 11.5.4.1 “Control Register
Lock” for a specific command sequence.
REGISTER 11-13: RPINR0: PERIPHERAL PIN SELECT INPUT REGISTER 0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
INT1R5INT1R4INT1R3INT1R2INT1R1INT1R0
bit 15
bit 8
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
OCTRIG1R5 OCTRIG1R4 OCTRIG1R3 OCTRIG1R2 OCTRIG1R1 OCTRIG1R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13-8
INT1R<5:0>: Assign External Interrupt 1 (INT1) to Corresponding RPn or RPIn Pin bits
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
OCTRIG1R<5:0>: Assign Output Compare Trigger 1 to Corresponding RPn or RPIn Pin bits
REGISTER 11-14: RPINR1: PERIPHERAL PIN SELECT INPUT REGISTER 1
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
INT3R5INT3R4INT3R3INT3R2INT3R1INT3R0
bit 15
bit 8
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
INT2R5INT2R4INT2R3INT2R2INT2R1INT2R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13-8
INT3R<5:0>: Assign External Interrupt 3 (INT3) to Corresponding RPn or RPIn Pin bits
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
INT2R<5:0>: Assign External Interrupt 2 (INT2) to Corresponding RPn or RPIn Pin bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com