Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 143 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 143 Page - Microchip Technology

Back Button DO16 Datasheet HTML 139Page - Microchip Technology DO16 Datasheet HTML 140Page - Microchip Technology DO16 Datasheet HTML 141Page - Microchip Technology DO16 Datasheet HTML 142Page - Microchip Technology DO16 Datasheet HTML 143Page - Microchip Technology DO16 Datasheet HTML 144Page - Microchip Technology DO16 Datasheet HTML 145Page - Microchip Technology DO16 Datasheet HTML 146Page - Microchip Technology DO16 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 143
PIC24FJ256GA705 FAMILY
REGISTER 11-17: RPINR5: PERIPHERAL PIN SELECT INPUT REGISTER 5
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
ICM2R5
ICM2R4
ICM2R3
ICM2R2
ICM2R1
ICM2R0
bit 15
bit 8
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
ICM1R5
ICM1R4
ICM1R3
ICM1R2
ICM1R1
ICM1R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13-8
ICM2R<5:0>: Input Capture Mode 2 bits
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
ICM1R<5:0>: Input Capture Mode 1 bits
REGISTER 11-18: RPINR6: PERIPHERAL PIN SELECT INPUT REGISTER 6
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
ICM4R5
ICM4R4
ICM4R3
ICM4R2
ICM4R1
ICM4R0
bit 15
bit 8
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
ICM3R5
ICM3R4
ICM3R3
ICM3R2
ICM3R1
ICM3R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13-8
ICM4R<5:0>: Input Capture Mode 4 bits
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
ICM3R<5:0>: Input Capture Mode 3 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com