Electronic Components Datasheet Search
  English  ▼

X  

SCD4X Datasheet(PDF) 2 Page - Sensirion AG Switzerland

Part # SCD4X
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD4X Datasheet(HTML) 2 Page - Sensirion AG Switzerland

  SCD4X Datasheet HTML 1Page - Sensirion AG Switzerland SCD4X Datasheet HTML 2Page - Sensirion AG Switzerland SCD4X Datasheet HTML 3Page - Sensirion AG Switzerland SCD4X Datasheet HTML 4Page - Sensirion AG Switzerland SCD4X Datasheet HTML 5Page - Sensirion AG Switzerland SCD4X Datasheet HTML 6Page - Sensirion AG Switzerland SCD4X Datasheet HTML 7Page - Sensirion AG Switzerland SCD4X Datasheet HTML 8Page - Sensirion AG Switzerland SCD4X Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
2/22
Table of Contents
1
Sensor Performance..................................................................................................................................... 3
1.1
CO2 Sensing Performance ...................................................................................................................... 3
1.2
Humidity Sensing Performance ............................................................................................................... 3
1.3
Temperature Sensing Performance5........................................................................................................ 3
2
Specifications ............................................................................................................................................... 4
2.1
Electrical Specifications........................................................................................................................... 4
2.2
Absolute Maximum Ratings..................................................................................................................... 4
2.3
Interface Specifications ........................................................................................................................... 5
2.4
Timing Specifications .............................................................................................................................. 6
2.5
Material Contents.................................................................................................................................... 6
3
Digital Interface Description......................................................................................................................... 7
3.1
Power-Up and Communication Start........................................................................................................ 7
3.2
Data type & length................................................................................................................................... 7
3.3
Command Sequence Types .................................................................................................................... 7
3.4
SCD4x Command Overview.................................................................................................................... 8
3.5
Basic Commands.................................................................................................................................... 9
3.6
On-Chip Output Signal Compensation................................................................................................... 10
3.7
Field Calibration.................................................................................................................................... 12
3.8
Low Power operation............................................................................................................................. 14
3.9
Advanced Features............................................................................................................................... 15
3.10 Low power single shot (SCD41) ............................................................................................................ 17
3.11 Checksum Calculation........................................................................................................................... 18
4
Mechanical specifications .......................................................................................................................... 19
4.1
Package Outline.................................................................................................................................... 19
4.2
Land Pattern ......................................................................................................................................... 19
4.3
Tape & Reel Package ........................................................................................................................... 20
4.4
Moisture Sensitivity Level...................................................................................................................... 20
4.5
Soldering Instructions............................................................................................................................ 21
4.6
Traceability ........................................................................................................................................... 21
5
Ordering Information .................................................................................................................................. 21
6
Revision History.......................................................................................................................................... 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com