Electronic Components Datasheet Search
  English  ▼

X  

SCD4X Datasheet(PDF) 17 Page - Sensirion AG Switzerland

Part # SCD4X
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD4X Datasheet(HTML) 17 Page - Sensirion AG Switzerland

Back Button SCD4X Datasheet HTML 13Page - Sensirion AG Switzerland SCD4X Datasheet HTML 14Page - Sensirion AG Switzerland SCD4X Datasheet HTML 15Page - Sensirion AG Switzerland SCD4X Datasheet HTML 16Page - Sensirion AG Switzerland SCD4X Datasheet HTML 17Page - Sensirion AG Switzerland SCD4X Datasheet HTML 18Page - Sensirion AG Switzerland SCD4X Datasheet HTML 19Page - Sensirion AG Switzerland SCD4X Datasheet HTML 20Page - Sensirion AG Switzerland SCD4X Datasheet HTML 21Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
17/22
3.10 Low power single shot (SCD41)
In addition to periodic measurement modes, the SCD41 features a single shot measurement mode, i.e. allows for on-demand
measurements.
The typical communication sequence is as follows:
1.
The sensor is powered up.
2.
The I2C master sends a single shot command and waits for the indicated max. command duration time.
3.
The I2C master reads out data with the read measurement sequence (chapter 3.5.2).
4.
Steps 2-3 are repeated as required by the application.
To reduce noise levels, the I2C master can perform several single shot measurements in a row and average the CO2 output
values. After a power cycle, the initial two single shot readings should be discarded to maximize accuracy. The idle current in
between measurements is 0.15 mA (typ.), respectively 0.2 mA (max.). The energy consumed per single shot typically is 243 mJ
(296 mJ max.).
As for the periodic measurement modes, the automatic self-calibration (ASC) is enabled per default in single shot operation.
The automatic self-calibration is optimized for single shot measurements performed every 5 minutes. Longer measurement
intervals will result in less frequent self-calibration sequences. Note that no self-calibration is issued if the sensor is power-cycled
between single shot measurements Please consult Chapter 3.7 for a detailed description of the automatic-self calibration and
the corresponding commands.
3.10.1 measure_single_shot
Description: On-demand measurement of CO2 concentration, relative humidity and temperature. The sensor output is read
using the read_measurement command (chapter 3.5.2).
Table 28: measure_single_shot
I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x219d
-
-
-
-
5000
Example: measure single shot
Write
0x219d
(hexadecimal)
Command
3.10.2 measure_single_shot_rht_only
Description: On-demand measurement of relative humidity and temperature only. The sensor output is read using the
read_measurement command (chapter 3.5.2). CO2 output is returned as 0 ppm.
Table 29: measure_single_shot_rht_only
I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x2196
-
-
-
-
50
Example: measure single shot, RH and T output only
Write
0x2196
(hexadecimal)
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com