Electronic Components Datasheet Search
  English  ▼

X  

SCD4X Datasheet(PDF) 20 Page - Sensirion AG Switzerland

Part # SCD4X
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD4X Datasheet(HTML) 20 Page - Sensirion AG Switzerland

Back Button SCD4X Datasheet HTML 14Page - Sensirion AG Switzerland SCD4X Datasheet HTML 15Page - Sensirion AG Switzerland SCD4X Datasheet HTML 16Page - Sensirion AG Switzerland SCD4X Datasheet HTML 17Page - Sensirion AG Switzerland SCD4X Datasheet HTML 18Page - Sensirion AG Switzerland SCD4X Datasheet HTML 19Page - Sensirion AG Switzerland SCD4X Datasheet HTML 20Page - Sensirion AG Switzerland SCD4X Datasheet HTML 21Page - Sensirion AG Switzerland SCD4X Datasheet HTML 22Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
20/22
4.3 Tape & Reel Package
Figure 5: Technical drawing of the packaging tape with sensor orientation in tape. Header tape is to
the right and trailer tape to the left on this drawing. Dimensions are given in millimeters.
4.4 Moisture Sensitivity Level
Sensirion SCD4x sensors shall be treated according to Moisture Sensitivity Level 3 (MSL3) as described in IPC/JEDEC J-STD-
033B1. Exposure to moisture levels or solder reflow temperatures, which exceed the limits as stated in this document, can result
in yield loss and reliability degradation.
The manufacturing floor time (out of bag) at the customer’s end is 168 hours at normal factory conditions (≤30°C and 60%RH).
If sensors are not mounted within this time, or have been exposed to higher temperatures and humidity (>30°C and >60%RH),
or there is any doubt about the airtight integrity of the dry pack, the parts should be baked (baking parameters see Table 32).
The maximum allowed baking temperature is 40°C if the sensors are inside the reel.
Table 32: Baking condition SCD4x if floor time (168 h) with open bag is exceeded.
SCD4x package type
Baking temperature
Min. baking time
Baking condition
Sensors removed from tape
90 °C
48 hours
RH < 5 %
Sensors in tape
40 °C
23 days
RH < 5 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com