Electronic Components Datasheet Search
  English  ▼

X  

SCD4X Datasheet(PDF) 14 Page - Sensirion AG Switzerland

Part # SCD4X
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD4X Datasheet(HTML) 14 Page - Sensirion AG Switzerland

Back Button SCD4X Datasheet HTML 10Page - Sensirion AG Switzerland SCD4X Datasheet HTML 11Page - Sensirion AG Switzerland SCD4X Datasheet HTML 12Page - Sensirion AG Switzerland SCD4X Datasheet HTML 13Page - Sensirion AG Switzerland SCD4X Datasheet HTML 14Page - Sensirion AG Switzerland SCD4X Datasheet HTML 15Page - Sensirion AG Switzerland SCD4X Datasheet HTML 16Page - Sensirion AG Switzerland SCD4X Datasheet HTML 17Page - Sensirion AG Switzerland SCD4X Datasheet HTML 18Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
14/22
3.8 Low Power operation
To enable use-cases with a constrained power-budget, the SCD4x features a low power periodic measurement mode with signal
update interval of approximately 30 seconds. While the low power mode saves power and reduces self-heating of the sensor,
the low power periodic measurement mode has a longer response time.
The low power periodic measurement mode is initiated and read-out in a similar manner as the default periodic measurement.
Please consult chapter 3.5.2 for further instructions. To avoid receiving a NACK in case the result of a subsequent measurement
is not ready yet, the get_data_ready_status command can be used to check whether new measurement data is available for
read-out.
3.8.1
start_low_power_periodic_measurement
Description: start low power periodic measurement, signal update interval is approximately 30 seconds.
Table 21: start_low_power_periodic_measurement I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x21ac
-
-
-
-
not applicable
Example: start low power periodic measurement
Write
0x21ac
(hexadecimal)
Command
3.8.2
get_data_ready_status
Table 22: get_data_ready_status I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: data ready status
Max. command
duration [ms]
length [bytes]
signal conversion
length
[bytes]
signal conversion
0xe4b8
-
-
3
If the least significant 11 bits of
word[0] are 0 → data not ready
else → data ready for read-out
1
Example: read data ready status: data not ready
Write
0xe4b8
(hexadecimal)
Command
Wait
1 ms
command execution time
Response
0x8000
0xa2
(hexadecimal)
Least significant 11 bits are 0 → data not ready
CRC of 0x8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com