Electronic Components Datasheet Search
  English  ▼

X  

LS24 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # LS24
Description  30A to 600 Vac SIP Package DC Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LS24 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  LS24 Datasheet HTML 1Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 2Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 3Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 4Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 5Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2016 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
LS Page 3
LS\092014\Q3
Series LS
30A to 600 Vac SIP Package
DC Control
OUTPUT (LOAD) SPECIFICATION (continued)
Min
Max
Unit
Turn-On Time (60Hz)
8.3
ms
Turn-Off Time (60Hz)
8.3
ms
Off-State dv/dt
500
V/μs
Operating Frequency
10
440
Hz
I2t for match fusing (<8.3ms)
LS24D16C
128
A2S
LS60D22C
450
A2S
LS24D27C
1800
A2S
LS60D30C
5000
A2S
ENVIRONMENTAL SPECIFICATION
Min
Max
Unit
Operating Temperature
–40
80
°C
Storage Temperature
–40
120
°C
Input-Output Isolation
4000
Vrms
Output-Case Isolation
3300
Vrms
NOTES:
1. MOV across the output recommended for non-resistive loads —
minimum size: 14mm
2. Maximum current based on size of the heat sink and the ambient
temperature.
3. For 800Hz applications, contact factory.
4. For additional/custom options, contact factory.
SURGE CURRENTS
Figure 6d — LS24D27C relays
0
100
200
300
400
500
600
700
0.01
0.1
1
t (s)
Non-Repetitive
Temps
60 s
100 s
Long time overload @ Tj init = 45
°C
I (A)
20
15
Repetitive with initial Tj = 70
°C
t (s)
1.00
10.0
100
200
300
0
0.10
0.01
Non-Repetitive
Repetitive with initial Tj = 70
°C
Figure 6c — LS60D22C relay
10
1
0.1
0.01
500
1000
1500
0
t(s)
Non-Repetitive
Repetitive with initial Tj = 70
°C
Figure 6e — LS60D30C relay
t (s)
50
100
150
200
0
1.00
10.0
0.10
0.01
Non-Repetitive
Repetitive with initial Tj = 70
°C
Figure 6a — L24D16C relay



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com