Electronic Components Datasheet Search
  English  ▼

X  

LS24 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # LS24
Description  30A to 600 Vac SIP Package DC Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LS24 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  LS24 Datasheet HTML 1Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 2Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 3Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 4Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 5Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2016 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
LS Page 1
LS\092014\Q3
Series LS
30A to 600 Vac SIP Package
DC Control
NOTES
1) Line Voltage (nominal) 24 = 240 Vac; 60 = 600 Vac
2) Switch Type: D = Zero-cross turn-on
3) Control Range: C = 4-14 Vdc
24
Line Voltage1
16
Output Current – Amps
D
Switch Type2
LS
Series
C
Control Range3
Part Number Explanation
Part Number
Description
LS24D16C-HS1
16A, 240 Vac
LS60D22C-HS1
22A, 600 Vac
LS24D27C
27A, 240 Vac
LS60D30C
30A, 600 Vac
FEATURES/BENEFITS
• Industry standard package
• Designed for external heat-sink attachment
• Over-sized thyristor ratings
• Direct-copper bonding technology
DESCRIPTION
These solid-state single inline package (SIP)
relays are designed for mounting on printed circuit
boards. The Series LS relays facilitate heat sinking
by providing an interface surface. The relays are
designed with 16A, 25A and 50A thyristors. They can
switch loads with high starting currents. The nominal
switched currents depend on the size of the heat sink
and are limited by the cross section of the tracks of
the printed circuit (mainly 25A/30A). The relays use a
direct-bonded copper substrate for thermal efficiency,
thermal stress performance and long-life expectancy.
APPLICATIONS
• Motor control — Pumps, reversing, integration of
relays in terminal boxes
• Lamp control — Infrared drying, traffic lights, theater
lighting
APPROVALS
All models are UL recognized.
UL File Number: E128555.
MECHANICAL SPECIFICATION
Hot surface: 1.48 (37.6)
.31
(7.83)
0.2 (5.08)
0.5 (12.7)
1.71 (43.6)
0.4
(10.16)
.25 (6.3)
.07 ±.006
(1.7 ±0.15)
0.1 (2.54)
.01 (0.3)
Ø1
.30
(7.83)
.07 (1.7)
Top view
Hole Ø .06 (1.6)
43
2
1
TOLERANCES: ±.007 (±0.2mm)
WEIGHT: 0.53 oz. (15g)
Load
L1
N
Load
L1
N
Or
MOV on
the PCB
MOV on
the PCB
SSR
SSR
Figure 2 — LS relays
TYPICAL APPLICATION
1 ~
2 ~
3 +
4 —
Rc
Vc
Ic
Figure 3 — LS relays
BLOCK DIAGRAM
Figure 1 - LS relays; dimensions in inches (mm)
(See Figure 12 for LS with HS1)


Similar Part No. - LS24

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
LS24 SAMYANG-LS24 Datasheet
931Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
logo
Texas Instruments
LS240 TI-LS240 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
LS240-WI-01-A20 TI-LS240-WI-01-A20 Datasheet
341Kb / 4P
Wireless Product Development
logo
Littelfuse
LS2405IDD23 LITTELFUSE-LS2405IDD23 Datasheet
1Mb / 8P
24V, 5A Very Low Forward Voltage Diode
2022 Littelfuse, Inc
LS2405IDD23 LITTELFUSE-LS2405IDD23 Datasheet
1Mb / 8P
24 V, 5 A Very Low Forward Voltage Diode
06/05/24
More results

Similar Description - LS24

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
Dual Output to 50A 600 Vac DC Control
LS24D16C TELEDYNE-LS24D16C Datasheet
195Kb / 6P
30A to 600 Vac SIP Package DC control
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
Three-Phase Output to 75A 600 Vac DC Control
DS6R3E TELEDYNE-DS6R3E Datasheet
81Kb / 2P
3A to 220 Vdc SIP Package DC Control
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
4A to 600 Vac SIP Package DC Control
logo
Murata Manufacturing Co...
LSN2-T MURATA-LSN2-T Datasheet
1Mb / 17P
DOSA-SIP, 30A POL DC/DC Converters
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
DOSA-SIP, 30A POL DC/DC Converters
logo
Willow Technologies Ltd
AS4 WILLOW-AS4 Datasheet
319Kb / 4P
5A to 600 Vac SIP Package
AS6 WILLOW-AS6 Datasheet
319Kb / 4P
4A to 460 Vac SIP Package
logo
Littelfuse
KLKD LITTELFUSE-KLKD_17 Datasheet
623Kb / 7P
600 Vac/dc
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com