Electronic Components Datasheet Search
  English  ▼

X  

LS24 Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # LS24
Description  30A to 600 Vac SIP Package DC Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LS24 Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  LS24 Datasheet HTML 1Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 2Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 3Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 4Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 5Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LS Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2016 TELEDYNE RELAYS
LS\092014\Q3
Series LS
30A to 600 Vac SIP Package
DC Control
MOUNTING EXAMPLES
In each case, allow 0.16 in. (4mm) between the printed circuit board and the heat sink to keep a correct insulation
between input to output (0.16 in./4mm insulated washer). To maintain a good contact between the SSR and the heat
sink, use thermal grease.
Clips reference: L19101
Supports additional heat sink if necessary
2
(51)
0.16 (4)
to maintain
isolation
Thermal grease
Heat sinks references:
FW100: L=100mm about 4°C/W (1SSR) without ventilation (3.6°C/W with 4SSRs )
FW150: L=150mm about 3°C/W (1SSR) without ventilation (2.6°C/W with 6SSRs )
0.311 ±006
(7.9 ± 0.15)
clips: L19100
Printed circuit board
0.16 (4) to
maintain
insulation
M3
1.04
(26.5)
Thermal grease
Figure 7a — Thermal heat sinks with mounting clips; dimensions in inches (mm)
Figure 7b — Clips with screws on standard heat sinks; dimensions in inches (mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com