Electronic Components Datasheet Search
  English  ▼

X  

LS24 Datasheet(PDF) 5 Page - Teledyne Technologies Incorporated

Part # LS24
Description  30A to 600 Vac SIP Package DC Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LS24 Datasheet(HTML) 5 Page - Teledyne Technologies Incorporated

  LS24 Datasheet HTML 1Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 2Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 3Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 4Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 5Page - Teledyne Technologies Incorporated LS24 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2016 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
LS Page 5
LS\092014\Q3
Series LS
30A to 600 Vac SIP Package
DC Control
MECHANICAL SPECIFICATION
Figure 8 – FW100 and FW150 heat sinks;
dimensions in inches (mm)
FW100 heat sink with Max Clip System*
Rth = 3.6°C/W (4 SSRs)
Rth = 4°C/W (1 SSR)
FW150 heat sink with Max Clip System*
Rth = 2.6°C/W (4 SSRs)
Rth = 3°C/W (1 SSR)
*The Max Clip System of Aavid Thermalloy, patented worldwide
.16 (4)
Thermal grease
Relay
.07 (1.7)
±.01
M3
Relay
Thermal grease
.16 (4)
.07 (1.7)
±.01
L19101 CLIP
Figure 9a – Clip for FW100 and FW150 heat sinks
Figure 9b – Mounting with L19101 clip;
dimensions in inches (mm)
L19100 CLIP
Figure 10a – Clips with
screws for other heat sinks
Figure 10b – Mounting with L19100 clip;
dimensions in inches (mm)
NOTES
1. 0.16-inch (4mm) mounting washer must have correct insula-
tion between input to output.
1.18 (30)
.31 (7.9)
M4
Length:
FW100 = 3.94 (100)
FW150 = 5.9 (150)
–.01
–.01
M4
=
=
= =



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com