Electronic Components Datasheet Search
  English  ▼

X  

MB30-CS Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MB30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MB30-CS Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MB30-CS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 105 page
background image
2
1. INTRODUCTION
Mitsubishi Advancing Technology
Mitsubishi, the leading manufacturer of circuit break-
ers, has been providing customers with a wide range
of highly reliable and safe moulded case circuit break-
ers (MCCB) and earth-leakage circuit breakers
(ELCB), corresponding to the needs of the age.
Since production began in 1933 many millions of
Mitsubishi ACBs, MCCBs and MCBs have been sold
throughout many countries.
In 1985 a new design concept for controlling arc en-
ergies within MCCBs – vapour jet control (VJC) – was
introduced and significantly improved performance. It
is provided the technological advance for a new ‘su-
per series’ range of MCCBs and is used in all present
ratings from 3 to 1600 amps.
In 1995 Mitsubishi offers the new PSS (Progressive
Super Series) breakers having ratings from 3 to 250
amps that concentrate the most advanced technolo-
gies into a compact body. Their four major features
are:
• New circuit-breaking technology
ISTAC for a higher
current-limiting performance, upgrading the circuit-
breaking capability.
• Electronic circuit breakers with the Digital ETR pro-
tecting the circuit accurately.
• One-frame, one-size design allowing efficient panel
design.
• Cassette-type internal accessories that allow instal-
lation by the user.
Progressive Super Series, an integration of technol-
ogy and know-how from this comprehensive electronic
product manufacturer, will create its own fields of ap-
plication with its excellent performance.
A Brief Chronology
1933
Moulded case circuit breaker production
begins.
1952
Miniature circuit breaker production be-
gins.
1968
Manufacture commences of short-time-
delayed breakers.
1969
Production and sale of first residual cur-
rent circuit breakers.
1970
170kA breaking level ‘permanent power
fuse’ integrated MCCBs is introduced.
1973
Introduction of first short-time delay and
current-limiting selectable breakers go on
sale.
1974
First MELNIC solid-state electronic trip
unit MCCBs are introduced.
1975
ELCBs with solid-state integrated circuit
sensing devices are introduced.
1977-1979 Four new ranges of MCCBs are intro-
duced – economy, standard, current lim-
iting, ultra current limiting and motor rated
designs – a comprehensive coverage of
most application requirements.
1982
Compact ACBs with solid-state trip de-
vices and internally mounted accessories
introduced.
1985-1989 Super series MCCBs with VJC and ETR
are developed and launched – awarded
the prestigious Japanese MInister of Con-
struction Prize.
1990
New 200kA level U-series MCCBs super
current limiting breakers are introduced.
1991
Super-NV ELCBs and Super-AE ACBs
are introduced.
1995
Progressive Super Series 30~250 amps
are introduced.
1997
Progressive Super Series 400~800 amps
are introduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com