Electronic Components Datasheet Search
  English  ▼

X  

MB30-CS Datasheet(PDF) 65 Page - Mitsubishi Electric Semiconductor

Part # MB30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MB30-CS Datasheet(HTML) 65 Page - Mitsubishi Electric Semiconductor

Back Button MB30-CS Datasheet HTML 61Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 62Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 63Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 64Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 65Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 66Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 67Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 68Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 69Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
64
Branch Breaker
Ics(kA)
Type
Main Breaker
SELECTIVE-INTERRUPTION COMBINATIONS (DISCRIMINATION) 440VAC (Sym. kA)
Rated current
(A)
AE630-SS
AE1000-SS
AE1250-SS
AE1600-SS
65
65
65
65
Type
Icu(kA)
500 600 700 800 900 1000
315 378 441 504 567 630
800 960 1120 1280 1440 1600
625 750 875 1000 1125 1250
Selective limit current
In=500 .... 6(25)
630 .... 7(25)
800 .... 11(25)
1000 .... 14(25)
1250 .... 19(25)
1600 .... 25
NF250-SP
25
125
150
175
200
225
250
8
10
6
8
10
10
6
6
8
8
10
8
6
6
8
8
8
8
4
6
6
8
8
6
4
6
6
6
8
6
6
6
8
8
8
8
4
6
6
6
8
6
4
4
6
6
6
6
3
4
4
6
6
4
3
3
4
4
6
4
3
3
4
4
4
4
4
6
6
6
8
6
3
4
6
6
6
6
3
4
4
6
6
4
3
3
4
4
4
4
3
3
4
4
3
3
3
3
4
3
3
4
4
6
6
4
3
3
4
4
6
4
3
3
4
4
3
3
3
3
4
3
3
3
3
3
3
3
Selective limit current
In=500 .... 6(25)
630 .... 7(25)
800 .... 11(25)
1000 .... 14(25)
1250 .... 19(25)
1600 .... 25
NF250-SP
T/A
25
100
125
125
160
150
200
200
250
4
4
6
8
3
3
6
6
3
3
4
6
3
3
4
6
3
4
3
4
3
3
6
6
3
3
4
6
3
3
4
4
3
4
3
3
3
3
3
3
4
4
3
4
3
3
3
33
6
6
10
6
6
8
10
6
6
8
8
4
4
6
8
4
4
6
6
3
3
6
6
Selective limit current
In=500 .... 7(50)
630 .... 9(50)
800 .... 12(50)
1000 .... 15(50)
1250 .... 25(50)
1600 .... 42(50)
NF250-HP
50
125
150
175
200
225
250
8
10
6
8
10
10
6
6
8
8
10
8
6
6
8
8
8
8
4
6
6
8
8
6
4
6
6
6
8
6
6
6
8
8
8
8
4
6
6
6
8
6
4
4
6
6
6
6
3
4
4
6
6
6
3
3
4
4
6
4
3
3
4
4
4
4
4
6
6
6
8
6
3
4
6
6
6
6
3
4
4
6
6
4
3
3
4
4
4
4
3
3
4
4
3
3
3
3
4
3
3
4
4
6
6
4
3
3
4
4
6
4
3
3
4
4
3
3
3
3
4
3
3
3
3
3
3
3
Selective limit current
In=500 .... 7(50)
630 .... 9(50)
800 .... 12(50)
1000 .... 15(50)
1250 .... 25(50)
1600 .... 42(50)
NF250-HP
T/A
50
100
125
125
160
150
200
200
250
4
4
6
8
3
3
6
6
3
3
4
6
3
3
4
6
3
4
3
4
3
3
6
6
3
3
4
6
3
3
4
4
3
4
3
3
3
3
3
3
4
4
3
4
3
3
3
33
6
6
10
6
6
8
10
6
6
8
8
4
4
6
8
4
4
6
6
3
3
6
6
Selective limit current
In=500 .... 6(25)
630 .... 7(25)
800 .... 11(25)
1000 .... 14(25)
1250 .... 19(25)
1600 .... 25
NF250-SEP
25
125
150
175
200
225
250
6
6
8
8
10
10
6
6
6
8
8
10
4
6
6
6
8
8
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
4
6
3
3
4
4
4
3
3
3
4
4
3
3
3
4
3
3
4
4
6
6
3
3
3
4
4
6
3
3
3
4
4
3
3
3
4
3
3
3
3
3
3
3
4
4
4
3
3
3
4
3
3
3
3
33
Selective limit current
In=500 .... 6(50)
630 .... 7(50)
800 .... 11(50)
1000 .... 14(50)
1250 .... 19(50)
1600 .... 25(50)
NF250-HEP
50
125
150
175
200
225
250
6
6
8
8
10
10
6
6
8
8
8
10
4
6
6
6
8
8
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
4
6
3
4
4
4
4
3
3
4
4
4
3
3
3
4
3
3
4
4
6
6
3
3
3
4
4
6
3
3
3
4
4
3
3
3
4
3
3
3
3
3
3
3
4
4
4
3
3
4
4
3
3
3
3
33
Selective limit current
In=500 .... –
630 .... 9.4(25)
800 .... 12(25)
1000 .... 15(25)
1250 .... 18(25)
1600 .... 24(25)
NF400-CP
25
250
300
350
400
66
6
4
6
6
4
6
6
6
4
4
6
6
66
6
4
6
6
4
4
6
6
3
4
4
6
3
4
4
6
4
6
6
4
4
6
6
3
4
4
6
3
3
4
4
3
3
4
4
3
3
4
66
Selective limit current
In=500 .... –
630 .... 9.4(42)
800 .... 12(42)
1000 .... 15(42)
1250 .... 18(42)
1600 .... 24(42)
NF400-SP
42
250
300
350
400
88
8
8
8
8
6
6
8
6
6
8
8
86
8
6
8
8
6
6
8
8
4
6
6
8
4
6
6
6
8
8
8
6
6
8
8
4
6
6
8
4
6
6
8
4
4
6
6
3
4
4
6
88
Selective limit current
In=500 .... 7.5(42)
630 .... 9.4(42)
800 .... 12(42)
1000 .... 15(42)
1250 .... 18(42)
1600 .... 24(42)
NF400-SEP
42
200
225
250
300
350
400
6
6
8
8
6
6
6
8
8
4
6
6
6
8
8
6
6
8
8
6
6
6
8
8
4
4
6
6
8
8
4
4
4
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
4
6
6
6
8
8
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
3
3
3
4
4
6
3
3
3
4
4
4
4
4
6
6
8
3
4
4
4
6
6
3
3
4
4
4
6
3
3
3
4
4
3
3
3
4
3
3
4
Selective limit current
In=500 .... 7.5(65)
630 .... 9.4(65)
800 .... 12(65)
1000 .... 15(65)
1250 .... 18(65)
1600 .... 24(65)
NF400-HEP
65
200
225
250
300
350
400
6
6
8
8
6
6
6
8
8
4
6
6
6
8
8
6
6
8
8
6
6
6
8
8
4
4
6
6
8
8
4
4
4
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
4
6
6
6
8
8
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
3
3
3
4
4
6
3
3
3
4
4
4
4
4
6
6
8
3
4
4
4
6
6
3
3
4
4
4
6
3
3
3
4
4
3
3
3
4
3
3
4
Icu: Rated breaking capacity
~
~
~
~
~
~
~
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com