Electronic Components Datasheet Search
  English  ▼

X  

MB30-CS Datasheet(PDF) 74 Page - Mitsubishi Electric Semiconductor

Part # MB30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MB30-CS Datasheet(HTML) 74 Page - Mitsubishi Electric Semiconductor

Back Button MB30-CS Datasheet HTML 70Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 71Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 72Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 73Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 74Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 75Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 76Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 77Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 78Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 105 page
background image
73
Fig. 6.17 600V Wire and MCCB Protection Compatibility
2000
1000
100
200
300
400
600
800
10
20
30
40
60
80
1
0.8
10
100
1000
10000
Current (A)
a) 50A-fream MCCB
0.6
0.5
2
3
4
6
8
2000
1000
100
200
300
400
600
800
10
20
30
40
60
80
1
0.8
10
100
1000
10000
Current (A)
c) 225A-fream MCCB
0.6
0.5
2
3
4
6
8
2000
1000
100
200
300
400
600
800
10
20
30
40
60
80
1
0.8
100
1000
10000
100000
Current (A)
d) 400A-fream MCCB
0.6
0.5
2
3
4
6
8
2000
1000
100
200
300
400
600
800
10
20
30
40
60
80
1
0.8
10
100
1000
10000
Current (A)
b) 100A-fream MCCB
0.6
0.5
2
3
4
6
8
MCCB rating
15A
MCCB rating
125A
MCCB rating
250A
300A
350A
400A
150A
175A
200A
225A
20A
30A
40A
50A
Wire size
1.0mm2
Wire size
16mm2
Wire size
50mm2
70mm2
95mm2
120mm2
150mm2
25mm2
35mm2
50mm2
70mm2
MCCB rating
60A
75A
100A
Wire size
10mm2
16mm2
25mm2
1.5mm2
2.5mm2
4.0mm2
6.0mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com