Electronic Components Datasheet Search
  English  ▼

X  

MB30-CS Datasheet(PDF) 72 Page - Mitsubishi Electric Semiconductor

Part # MB30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MB30-CS Datasheet(HTML) 72 Page - Mitsubishi Electric Semiconductor

Back Button MB30-CS Datasheet HTML 68Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 69Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 70Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 71Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 72Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 73Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 74Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 75Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 76Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 105 page
background image
71
Table 6.4 Allowable Fault Conditions in Conductors
6.6 Protective Coordination with Wiring
6.6.1 General Considerations
If it is assumed that the heat generated by a large
current passing through a wire is entirely dissipated
within the wire, the following expression is applicable
(for copper wires):
(
S
I
2
t=5.05!10 log
4
e
234+T
234+To
)
I
: Current(A, rms)
S
: Wire cross-sectional area(mm2)
t
: Current let-through time(sec)
T
: Wire temperature due to short circuit(
°C)
To : Wire temperature before short circuit(
°C)
Assume that short-circuit current occurs in a wire car-
rying its rated current (hot state To=60
°C). If 150°C is
the allowable temperature T, the following expression
is applicable (see also Fig. 6.13):
Is
Allowable short-circuit
current accoeding to
I2t
kA, sym. (PF)
1
1.5
2.5
4
6
10
16
25
35
50
70
95
120
150
185
240
Allowable
I2t
A2!sec
S
Wire size
mm2
Notes: 1. Allowable
I2t is calculated assuming that
all heat energy is dissipated in the
conductor, conductor allowable maximum
temperature exceeds 150
°C, and hot
start is applied, at 60
°C.
2.
Is is an asym. value of allowable short-
circuit current reduced to below the
allowable
I2t, assuming half cycle
interruption for 16mm2 or less and one
cycle interruption for 25mm2 or more.
Allowable
I2t=14000S2
Considering let-through energy (
∫i2dt) in a fault where
the protector has no current-limiting capability, if short-
circuit occurs when let-through current is max.,
∫i2dt
is:
where current le is the effective value of the AC com-
ponent. Half-cycle interruption is applied to wire of up
to 14mm2, and one-cycle interruption to larger wires.
Table 6.4 is restrictive in that, e.g., in a circuit of fault
capacity of 5000A or more, 2.5mm2 wires would not
be permitted. In practice, the impedance of the con-
ductor itself presents a limiting factor, as does the in-
herent impedance of the MCCB, giving finite let-
through
I2t and Ip values that determine the actual
fault-current flow.
6.6.2
600V Vinyl-Insulated Wire (Overcurrent)
Japanese Electrical Installations Technical Standards
(domestic) specify vinyl-insulated wire operating tem-
perature as 60
°C max., being a 30°C rise over a 30°C
ambient temperature. This is to offset aging deterio-
ration attendant on elevated temperatures over long
periods. Criteria for elevated temperatures over short
periods have been presented in a study by B. W. Jones
and J. A. Scott (“Short-Time Current Ratings for Air-
craft Wire and Cable,” A
IEE Transactions), which pro-
poses 150
°C for periods of up to 2 seconds, and 100°C
for periods in the order of 20 seconds. These criteria
can be transposed to currents for different wire sizes
by the curves given in Fig. 6.14. Such figures, how-
ever, must be further compensated for the difference
between vinyl materials used for aircraft and for
0.014!106
0.032!106
0.088!106
0.224!106
0.504!106
1.40!106
3.58!106
8.75!106
17.2!106
35.0!106
68.6!106
126!106
202!106
315!106
479!106
806!106
1.17 (0.9)
1.76 (0.9)
2.93 (0.9)
4.68 (0.9)
6.79 (0.8)
10.5
(0.6)
16.0
(0.5)
17.3
(0.3)
24.2
(0.3)
34.5
(0.3)
48.3
(0.3)
65.6
(0.3)
82.8
(0.3)
103
(0.3)
128
(0.3)
166
(0.3)
Fig. 6.13 Temperature Rises Due to Current Flow in Copper Wires
×103
×104
1000
700
500
300
200
100
20
30
50
70
12
2
33
44 5 6 7 8
56
1
(A/mm2)2·sec
Approx.
71
Ie
2
(A ·sec) in
2
2
1 cycle interruption
(Power factor is 0.5.)
Approx.
34
Ie
2
(A ·sec) in 1
2
cycle interruption
(Power factor is 0.3.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com