Electronic Components Datasheet Search
  English  ▼

X  

MB30-CS Datasheet(PDF) 102 Page - Mitsubishi Electric Semiconductor

Part # MB30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MB30-CS Datasheet(HTML) 102 Page - Mitsubishi Electric Semiconductor

Back Button MB30-CS Datasheet HTML 97Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 98Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 99Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 100Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 101Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 102Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 103Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 104Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 105Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 102 / 105 page
background image
101
Ias = Is ·
{
1 + 2e
e
+ 2
1 +
} =
Is · K3
x
2
πR
–
x
2
πR
–
3
1
2
1
that is: K3 =
{
1 + 2e
e
+ 2
1 +
}
x
2
πR
–
x
2
πR
–
3
1
2
1
K3 is the asymmetrical coefficient, derived from the
symmetrical value and the circuit power factor.
3. Peak Value of Asymmetrical Short-Circuit Current
This value (
Ip in Fig. 9.3) depends upon the phase
angle at short circuit closing and on the circuit power
factor; it is maximum when
θ = 0. It will reach peak
value in each case,
ωt
=
2
π
+
ϕ after the short circuit
occurrence. It can be computed as before, by means
of the circuit power factor and the symmetrical short-
circuit current.
Ip = Is [1 + sin
ϕ·e
] =
Is · Kp
2
π
x
R
–(
+
ϕ)·
thus: Kp =
2 [1 + sin
ϕ·e
]
2
π
x
R
–(
+
ϕ)·
Kp, the peak asymmetrical short-circuit current coeffi-
cient, is also known as the closing-capacity coefficient,
since
Ip is called the closing capacity. Thus, in each
case, the asymmetrical coefficients can be derived
from the symmetrical values and the circuit power fac-
tor. These coefficients are shown Fig. 9.4.
As
As
1/2 Cycle
Ip
Ad
Fig. 9.3 Short-Circuit Current
9.4 Classification of Short-Circuit Current
A DC current (Fig. 9.3) of magnitude determined by
the voltage phase angle at the instant of short circuit
and-the circuit power factor will be superimposed on
the AC short-circuit current.
This DC component will rapidly decay; however,
where a high-speed circuit-interruption device such
as an MCCB or fuse is employed, the DC component
must be considered. Further, the mechanical stress
of the electric circuit will be affected by the maximum
instantaneous short-circuit current; hence, the short-
circuit current is divided, as below.
1. RMS Symmetrical Short-Circuit Current (
Is)
This is the value exclusive of the DC component; it is
As/M2 of Fig. 9.3.
2. RMS Asymmetrical Short-Circuit Current (
Ias)
This value includes the DC component. It is defined
as:
2
As
Ias =
)2 + Ad2
(
Accordingly, when the DC component becomes maxi-
mum (i.e.,
θ – ϕ = ±
2
π
, where the voltage phase angle
at short circuit is
θ, and the circuit power factor is cosϕ),
Ias will also become maximum
2
1 cycle after the short
circuit occurs, as follows:
Ias = Is ·
1 + 2e
=
Is · K1, that is: K1 =
1 + 2e
x
2
πR
–
x
2
πR
–
where K1 is the single-phase maximum asymmetrical
coefficient, and
Ias can be calculated from the asym-
metrical value and the circuit power factor. In a 3-
phase circuit, since the voltage phase angle at switch-
on differs between phases,
Ias will do the same. If the
average of these values is taken
2
1 cycle later, to give
the 3-phase average asymmetrical short-circuit cur-
rent, the following relationship is obtained:
3.0
2.0
1.0
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
20
10 8 7 6
5
4
3
2.5
2
1.5
1
0.5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
K1: Single-phase maximum
asymmetrical coefficient
K3: 3-phase asymmetrical coefficient
Kp: Closing capacity coefficient
Power factor
R
X
Kp
K1
K3
Fig. 9.4 Short-Circuit Current Coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com