Electronic Components Datasheet Search
  English  ▼

X  

HWD2001 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HWD2001
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD2001 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HWD2001 Datasheet HTML 1Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
3
ELECTRICAL CHARACTERISTICS
(VBATT = 2V, FB = OUT, RL =
∞, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)
VOUT = 2V, ILOAD = 1mA
VOUT = 3.3V, ILOAD = 200mA
SHDN = GND
CONDITIONS
%
85
Efficiency
90
µA
0.1
1
Shutdown Current into OUT
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
HWD20012, VBATT = 2V
V LBO = 5.5V, VLBI = 5.5V
VLBI = 0, ISINK = 1mA
V SHDN = 0 or VOUT
VFB = 1V, VOUT = 3.3V
HWD20012, CLSEL = OUT
VLBI = 1.4V
VFB = 1.4V
VFB = 1V, VOUT = 3.3V
0.8VOUT
VIH
0.2VOUT
VIL
CLSEL Input Voltage
V
0.8VOUT
VIH
0.2VOUT
VIL
SHDN Input Voltage
Ω
88
150
Damping Switch Resistance
µA
0.07
1
I LBO
LBO Off Leakage Current
V
0.2
0.4
LBO Low Output Voltage
nA
0.07
50
ISHDN
SHDN Input Current
µA
1.4
3
ICLSEL
CLSEL Input Current
nA
150
ILBI
LBI Input Current
nA
0.03
50
IFB
FB Input Current
µs
0.8
1
1.2
tOFF
LX Switch Off-Time
µs
34
7
tON
LX Switch On-Time
V
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 2V, FB = OUT (VOUT = 3.3V), RL = ˙
∞, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
FB = GND
FB = OUT
VFB = 1V, VOUT = 3.3V
VFB = 1V, VOUT = 3.3V
SHDN = GND
VFB = 1.4V, VOUT = 3.3V
IREF = 0
HWD2001, HWD20012 (CLSEL = GND)
HWD20012, HWD20012 (CLSEL = OUT)
CONDITIONS
0.36
0.69
A
0.75
1.25
ILIM
LX Switch Current
Limit (NFET)
V
2.20
5.5
Output Voltage Range
V
4.75
5.25
3.13
3.47
VOUT
Output Voltage
µs
0.75
1.25
tOFF
LX Switch Off-Time
µs
2.7
7.0
tON
LX Switch On-Time
µA
1
Shutdown Current into OUT
µA
40
Operating Current into OUT
(Note 3)
V
1.2675
1.3325
VREF
Reference Voltage
V
1.2675
1.3325
FB, LBI Thresholds
Ω
0.6
RDS(ON)
Internal NFET, PFET
On-Resistance
UNITS
MIN
MAX
SYMBOL
PARAMETER
VFB = 1.4V, VOUT = 3.3V
µA
16
35
Operating Current into OUT
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com