Electronic Components Datasheet Search
  English  ▼

X  

HWD2001 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HWD2001
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD2001 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HWD2001 Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 9Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
10
µs/div
LINE-TRANSIENT RESPONSE
HWD20011 TOC15
VIN
2V TO 3V
1V/div
VOUT
AC COUPLED
100mV/div
ILOAD
100mA
5
µs/div
LOAD-TRANSIENT RESPONSE
HWD20011 TOC16
IOUT
200mA/div
VOUT
50mV/div
AC
COUPLED
VIN = 2.4V
VOUT = 3.3V
500
µs/div
EXITING SHUTDOWN
HWD20011 TOC17
VSHDN
2V/div
VOUT
2V/div
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
6
Typical Operating Characteristics (continued)
(L = 22µH, CIN = 47µF, COUT = 47µF
 0.1µF, CREF = 0.1µF, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
HWD20011
HWD2001
HWD20012
1
1
FB
Dual-Mode™ Feedback Input. Connect to GND for +5.0V output.
Connect to OUT for +3.3V output. Use a resistor network to set the
output voltage from +2.0V to +5.5V.
2
2
LBI
Low-Battery Comparator Input. Internally set to trip at +1.30V.
3
3
LBO
Open-Drain Low-Battery Comparator Output. Connect LBO to OUT
through a 100k
Ω resistor. Output is low when VLBI is <1.3V. LBO is
high impedance during shutdown.
—
4
CLSEL
Current-Limit Select Input. CLSEL = OUT sets the current limit to 1A.
CLSEL = GND sets the current limit to 0.5A.
4
5
REF
1.3V Reference Voltage. Bypass with a 0.1µF capacitor.
5
6
SHDN
Shutdown Input. Drive high (>80% of VOUT) for operating mode.
Drive low (<20% of VOUT) for shutdown mode. Connect to OUT for
normal operation.
—
7
BATT
Battery Input and Damping Switch Connection. If damping switch is
unused, leave BATT unconnected.
6
8
GND
Ground
7
9
LX
N-Channel and P-Channel Power MOSFET Drain
8
10
OUT
Power Output. OUT provides bootstrap power to the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com