Electronic Components Datasheet Search
  English  ▼

X  

HWD2001 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HWD2001
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD2001 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HWD2001 Datasheet HTML 1Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
5
0
40
20
100
80
60
140
120
160
0
1.5 2.0
0.5 1.0
2.5 3.0 3.5 4.0 4.5
NO-LOAD BATTERY CURRENT
vs. INPUT BATTERY VOLTAGE
INPUT BATTERY VOLTAGE (V)
ILIMIT = 1A, 5.0V
ILIMIT = 0.5A, 5.0V
ILIMIT = 0.5A, 3.3V
ILIMIT = 1A, 3.3V
1.8
0
0.01
1
10
0.1
100
START-UP VOLTAGE
vs. LOAD CURRENT
0.2
0.4
LOAD CURRENT (mA)
0.8
0.6
1.0
1.2
1.4
1.6
WITHOUT DIODE
WITH 1N5817
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0
0.4
0.8
0.6
1.0
1
2.0 2.5 3.0
1.5
3.5 4.0 4.5 5.0 5.5
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0
SHUTDOWN THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
200
100
500
300
400
800
700
600
900
1.0
2.0
1.5
2.5
3.0
3.5
4.0
4.5
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE (VOUT = 5V)
INPUT VOLTAGE (V)
1A CURRENT LIMIT
0.5A CURRENT LIMIT
0
200
100
400
300
600
500
800
700
1.0
1.4 1.6
1.2
1.8 2.0 2.2 2.4 2.6 2.8 3.0
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE (VOUT = 3.3V)
INPUT VOLTAGE (V)
0.5A CURRENT LIMIT
1A CURRENT LIMIT
Typical Operating Characteristics (continued)
(L = 22µH, CIN = 47µF, COUT = 47µF
 0.1µF, CREF = 0.1µF, TA = +25°C, unless otherwise noted.)
1
µs/div
HEAVY-LOAD SWITCHING WAVEFORMS
HWD20011 TOC13
VLX
5V/div
ILX
0.5A/div
VOUT
AC COUPLED
100mV/div
VIN = 2.4V
VOUT = 5.0V
0
0.4
0.2
0.8
0.6
1.0
1.2
2.0
3.0
3.5
2.5
4.0
4.5
5.0
LX CURRENT LIMIT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
HWD20011, HWD20012 (CLSEL = OUT)
HWD2001,HWD20012 (CLSEL = GND)
0
0.15
0.10
0.05
0.25
0.20
0.35
0.30
0.45
0.40
-60
-20
-40
0
20
40
60
80
100
SWITCH RESISTANCE vs. TEMPERATURE
TEMPERATURE (°C)
P-CHANNEL
N-CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com