Electronic Components Datasheet Search
  English  ▼

X  

HWD2001 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HWD2001
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD2001 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HWD2001 Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 9Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 10Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 11Page - List of Unclassifed Manufacturers HWD2001 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
As a result, the synchronous rectifier significantly
improves efficiency without the addition of an external
component. Conversion efficiency can be as high as
94%, as shown in the Typical Operating Characteristics.
For low-voltage inputs from single cells (Alkaline, NiCd,
or NiMH), use an external Schottky diode such as the
1N5817 to ensure start-up.
Voltage Reference
The voltage at REF is nominally +1.30V. REF can
source up to 100µA to external circuits. The reference
maintains excellent load regulation (see Typical Oper-
ating Characteristics). A bypass capacitor of 0.1µF is
required for proper operation.
Shutdown
The device enters shutdown when V SHDN is low
(V SHDN <20% of VOUT). For normal operation, drive
SHDN high (VSHDN >80% of VOUT) or connect SHDN
to OUT. During shutdown, the body diode of the P-
channel MOSFET allows current flow from the battery to
the output. VOUT falls to approximately VIN - 0.6V and
LX remains high impedance. The capacitance and load
at OUT determine the rate at which VOUT decays.
Shutdown can be pulled as high as 6V, regardless of
the voltage at OUT.
Current Limit Select Pin (HWD20012)
The HWD20012 allows a selectable inductor current limit
of either 0.5A or 1A. This allows flexibility in designing
for higher current applications or for smaller, compact
designs. Connect CLSEL to OUT for 1A or to GND for
0.5A. CLSEL draws 1.4µA when connected to OUT.
BATT/Damping Switch (HWD20012)
The HWD20012 is designed with an internal damping
switch to minimize ringing at LX. The damping switch
connects an external resistor (R1) across the inductor
when the inductor’s energy is depleted (Figure 2).
Normally, when the energy in the inductor is insufficient
to supply current to the output, the capacitance and
inductance at LX form a resonant circuit that causes
ringing. The ringing continues until the energy is dissi-
pated through the series resistance of the inductor. The
damping switch supplies a path to quickly dissipate this
energy, minimizing the ringing at LX. Damping LX ring-
ing does not reduce VOUT ripple, but does reduce EMI.
R1 = 200
Ω works well for most applications while reduc-
ing efficiency by only 1%. Larger R1 values provide less
damping, but have less impact on efficiency. Generally,
lower values of R1 are needed to fully damp LX when
the VOUT/VIN ratio is high (Figures 2, 3, and 4).
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
8
HWD20012
DAMPING
SWITCH
BATT
R1
200
Ω
LX
OUT
22
µH
VIN
0.1
µF
47
µF
VOUT
Figure 2. Simplified Diagram of Inductor Damping Switch
2
µs/div
VLX
1V/div
Figure 3. LX Ringing Without Damping Switch
2
µs/div
VLX
1V/div
Figure 4. LX Waveform with Damping Switch (with 200
Ω
external resistor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com