Electronic Components Datasheet Search
  English  ▼

X  

HT36M4 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT36M4
Description  Music Synthesizer 8-Bit MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36M4 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT36M4 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
HT36M4
Music Synthesizer 8-Bit MCU
Block Diagram
Rev. 1.00
1
August 15, 2005
Features
· Operating voltage: 2.6V~5.0V
· Operating frequency:
- Crystal: 8MHz~12MHz
- RC: 11.059MHz
· 12 bidirectional I/O lines
· Two 16-bit programmable timer/event counters with
overflow interrupts
· Watchdog Timer
· Built-in 8-bit MCU with 384´8 bits RAM
· Built-in 64K´16-bit ROM for program/data shared
· Mono 16-bit DAC
· One external interrupt
· Polyphonic up to 16 notes
· Independent pan and volume mix can be assigned to
each sound component
· Sampling rate of 44.1kHz as 11.059MHz for system
frequency
· Eight-level subroutine nesting
· HALT function and wake-up feature reduce power
consumption
· Bit manipulation instructions
· 16-bit table read instructions
· Low voltage reset 2.2V
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· 20-pin SOP/TSSOP package
General Description
The HT36M4 is an 8-bit high performance RISC
microcontroller specifically designed for music applica-
tions. It provides an 8-bit MCU and a 16 channel
wavetable synthesizer. The program ROM is composed
of both program control codes and wavetable voice
codes, which can easily be programmed.
The HT36M4 has a built-in 8-bit microprocessor with
64K
´16 program ROM, 384´8 data RAM, 12
bidirectional I/O, encapsulated in 20 TSSOP for applica-
tions where need tinny package such as ring tone gen-
erator for CELLULAR/DECT/CORDLESS PHONES.
8 - B i t
M C U
6 4 K ´ 1 6 - b i t
R O M
3 8 4 ´ 8
R A M
M u l t i p l i e r / P h a s e
G e n e r a l
P A 0 ~ P A 7
P B 0 ~ P B 3
O S C 1
O S C 2
R E S
1 6 - B i t
D A C
V D D
V S S
V D D A
A U D I O
P F 0 ~ 2
V S S A
I N T
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT36M4

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36M4 HOLTEK-HT36M4 Datasheet
240Kb / 24P
Music Synthesizer 8-Bit MCU
March 14, 2007
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
Music Synthesizer 8-Bit MCU
March 14, 2007
More results

Similar Description - HT36M4

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
8-Bit Music Synthesizer MCU
June 19, 2003
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
8-Bit Music Synthesizer MCU
June 30, 2003
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
8-Bit Music Synthesizer MCU
July 2, 2003
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
Music Synthesizer 8-Bit MCU
August 15, 2005
HT36B2 HOLTEK-HT36B2 Datasheet
146Kb / 11P
8-Bit Music Synthesizer MCU
July 3, 2003
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
8-Bit Music Synthesizer MCU
June 30, 2003
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
Music Synthesizer 8-Bit MCU
October 18, 2006
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
Music Synthesizer 8-Bit MCU
March 12, 2007
HT36B2 HOLTEK-HT36B2_05 Datasheet
347Kb / 39P
8-Bit Music Synthesizer MCU
March 10, 2005
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
Music Synthesizer 8-Bit MCU
March 14, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com