Electronic Components Datasheet Search
  English  ▼

X  

HT36M4 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT36M4
Description  Music Synthesizer 8-Bit MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36M4 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT36M4 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 15Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 16Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 17Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 18Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 19Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 20Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
HT36M4
Rev. 1.00
17
August 15, 2005
· The PCM code definition
The HT36M4 can only solve the voice format of the signed 8-bit raw PCM. And the MCU will take the voice code 80H
as the end code.
So each PCM code section must be ended with the end code 80H.
Digital to Analog Converter (DAC)
The HT36M4 provides one 16-bit voltage type DAC device controlled by the MCU or wavetable synthesizer for driving
an external speaker through an external NPN transistor. It is in fact an optional object used for Wavetable Synthesizer
DAC or general DAC, this is chosen by DAC control register. If general DAC is chosen for application, then Wavetable
synthesizer is disabled because the DAC is taken up and controlled by the MCU. If general DAC is selected, the pro-
grammer must write the voice data to register DAL and DAH to get the corresponding analog data. If Mask Option en-
ables the DAC register and enables the SELW, then the following table comes useful.
Bit No.
Label
Function
Bit7~Bit3
¾
Unused
Bit2
¾
Unused
Bit1
DANO
DAON=1: DAC ON
DAON=0: DAC OFF (Default)
Bit0
SELWR
SELWR=1: Right Channel DAC data from Wavetable
SELWR=0: Right Channel DAC data from MCU (default)
DAC (1FH) Control Regulation
Mask Option
No
Mask Option
Description
1
WDT Source
On-chip RC/instruction clock/disable WDT
2
CLRWDT Times
One time, two times (CLR WDT1/WDT2)
3
Wake-up
PA only
4
Pull-high
PA, PB0~PB3 input
5
OSC Mode
Crystal or resistor type
6
LVR
Enable or disable
A_R
ENV1
ENV0
Volume Control Bit
Control Bit Final Value
Mode
0
0
0
VL2~VL0, VR2~VR0
111b
Release mode
0
0
1
VL1~VL0, VR1~VR0
11b
0
1
0
VL0, VR0
1b
x
1
1
No Bit
Unchanged
No change mode
1
0
0
VL2~VL0, VR2~VR0
000b
Attach mode
1
0
1
VL1~VL0, VR1~VR0
00b
1
1
0
VL0, VR0
0b
Envelope Type Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com