Electronic Components Datasheet Search
  English  ▼

X  

HT36M4 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT36M4
Description  Music Synthesizer 8-Bit MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36M4 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT36M4 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 15Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 16Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 17Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 18Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
HT36M4
Rev. 1.00
15
August 15, 2005
16 Channel Wavetable Synthesizer
Register
Name
Register Function
B7
B6
B5
B4
B3
B2
B1
B0
1DH
DAC High Byte (No Default Value)
DA15 DA14 DA13 DA12 DA11 DA10
DA9
DA8
1EH
DAC Low Byte (No Default Value)
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
1FH
DAON=1: DAC ON
DANO=0: DAC OFF (Default)
SELW=1: DAC Data from Wavetable
SELW=0: DAC Data from MCU (Default)
¾¾¾¾¾¾
DAON
SELW
¾
Right
20H
Channel Number Select
VM
FR
¾¾
CH3
CH2
CH1
CH0
21H
High Byte Frequency Number
BL3
BL2
BL1
BL0
FR11 FR10
FR9
FR8
22H
Low Byte Frequency Number
FR7
FR6
FR5
FR4
FR3
FR2
FR1
FR0
23H
High Byte Start Address Selection
ST15 ST14 ST13 ST12 ST11 ST10
ST9
ST8
24H
Low Byte Start Address Selection
ST7
ST6
ST5
ST4
ST3
ST2
ST1
ST0
25H
Waveform Bit Selection
High Byte Repeat Number Selection
WBS RE14 RE13 RE12 RE11 RE10
RE9
RE8
26H
Low Byte Repeat Number Selection
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
27H
Envelope Control Selection
Left/Right Volume Control
A_R
¾¾¾¾¾
VR9
VR8
28H
¾
29H
2AH
Right Volume Controller
VR7
VR6
VR5
VR4
VR3
VR2
VR1
VR0
2B~2FH
¾
30H~1FFH
Data Memory (RAM)
General Purpose Data Memory (Same As 8-bit MCU)
Wavetable Function Register Table
Note:
If the DAC circuit is not enabled, any DAH/DAL output is invalid. Writing a
²1² to DAC bit is to enable DAC cir-
cuit and writing a
²0² to DAC bit is to disable the DAC circuit.
Q
D
C K
S
Q
Q
D
C K
S
Q
M
U
X
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e I / O
R e a d I / O
S y s t e m W a k e - U p ( P A o n l y )
W e a k
P u l l - u p
P A 0 ~ P A 7
P B 0 ~ P B 7
M a s k O p t i o n
M a s k O p t i o n
P C 0 ~ P C 7
P D 0 ~ P D 3
V D D
V D D
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com