Electronic Components Datasheet Search
  English  ▼

X  

RTL8019AS Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
29
6.2. Plug and Play
6.2.1. Initiation Key
The Plug and Play logic is quiescent on power up and must be enabled by software. This is done by
a predefined series of writes (32 I/O writes) to the ADDRESS port, which is called the initiation
key. The write sequence is decoded by RTL8019AS. If the proper series of I/O writes is detected,
then the Plug and Play auto-configuration ports are enabled. The write sequence will be reset and
must be issued from the beginning if any data mismatch occurs. The exact sequence for the
initiation key is listed below in hexadecimal notation.
PnP Initiation Key
6A,
B5,
DA,
ED,
F6,
FB,
7D,
BE,
DF,
6F,
37,
1B,
0D,
86,
C3,
61,
B0,
58,
2C,
16,
8B,
45,
A2,
D1,
E8,
74,
3A,
9D,
CE,
E7,
73,
39
RT Initiation Key
DA,
6D,
36,
1B,
8D,
46,
23,
91,
48,
A4,
D2,
69,
34,
9A,
4D,
26,
13,
89,
44,
A2,
51,
28,
94,
CA,
65,
32,
19,
0C,
86,
43,
A1,
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com