Electronic Components Datasheet Search
  English  ▼

X  

RTL8019AS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
8
*Note: RTL8019AS doesn't drive BA14-21 until the SMEMRB goes from high to low.
4.4. Medium Interface Pins
No.
Name
Type
Description
64
AUI
I
This input is used to detect the usage of an external MAU on
the AUI interface. The input should be driven low for
embedded BNC and high for external MAU. When the input
is high, RTL8019AS sets the AUI bit (bit5) in CONFIG0
and drives LEDBNC low to disable the BNC. If this pin is
not used, it should be connected to GND such that
RTL8019AS acts like RTL8019. Please refer to section
5.1.2.2. CONFIG0 for more details.
54,53
CD+,CD-
I
This AUI collision input pair carries the differential
collision input signal from the MAU.
56,55
RX+,RX-
I
This AUI receive input pair carries the differential receive
input signal from the MAU.
49,48
TX+,TX-
O
This AUI transmit output pair contains differential line
drivers which send Manchester encoded data to the MAU.
These outputs are source followers and require 270 ohm
pull-down resistors to GND.
59,58
TPIN+,
TPIN-
I
This TP input pair receives the 10 Mbits/s differential
Manchester encoded data from the twisted-pair wire.
45,46
TPOUT+,
TPOUT-
O
This pair carries the differential TP transmit output. The
output Manchester encoded signals have been pre-distorted
to prevent overcharge on the twisted-pair media and thus
reduce jitter.
50
X1
I
20Mhz crystal or external oscillator input.
51
X2
O
Crystal feedback output. This output is used in crystal
connection only. It must be left open when X1 is driven with
an external oscillator.
4.5. LED Output Pins
No.
Name
Type
Description
60
LEDBNC
O
This pin goes high when RTL8019AS's medium type is set
to 10Base2 mode or auto-detect mode with link test failure.
Otherwise, this pin is low. This pin can be used to control
the power of the DC convertor for CX MAU and connected
to an LED to indicate the used medium type.
61
LED0
O
When LEDS0 bit (in CONFIG3 register of
RTL8019AS
Page3) is 0, this pin acts as LED_COL. When LEDS0=1, it
acts as LED_LINK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com