Electronic Components Datasheet Search
  English  ▼

X  

RTL8019AS Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
35
On power up, all PnP cards detect RSTDRV, set their CSN to 0, and enter the Wait for Key state.
There is a required 2 msec delay from either a RSTDRV or a PnP Reset command to any Plug and
Play port access to allow a card to load initial configuration information from a non-volatile device,
which is 9346 for RTL8019AS.
Cards in the Wait for Key state do not respond to any access to their auto-configuration ports until
the initiation key is detected. Cards ignore all ISA access to their Plug and Play interface.
When the cards have received the initiation key, they enter the Sleep state. In this state, the cards
listen for a Wake[CSN] command with the write data set to 00H. This wake[CSN] command will
send all cards to the Isolation state and reset the serial identifier/resource data pointer to the
beginning.
The first time the cards enter the Isolation state it is necessary to set the READ_DATA port
address using the Set RD_DATA port command. The software should then verify the selected
READ_DATA port address is not in conflict with any other devices by the isolation protocol.
Next, 72 pairs of reads are performed to the Serial Isolation register to isolate a card as described
previously. If the checksum read from the card is valid, then this means one card has been isolated.
The isolated card remains in the Isolation state while all other cards have failed the isolation
protocol and have returned to the Sleep state. The CSN on this card is set to a unique number.
Writing this value causes this card to transition to the Config state. Sending a Wake[0] command
causes this card to transition back to Sleep state and all cards with a CSN value of zero to
transition to the Isolation state. This entire process is repeated until no Plug and Play cards are
detected.
6.2.4. Reading Resource Data
Each PnP card supports a resource data structure stored in a non-volatile device (e.g. 9346) to
describe the resources supported and those requested by the functions on the card. The Plug and
Play resource management software will arbitrate resources and setup the logical device
configuration registers according to the resource data.
Card resource data may only be read from cards in the Config state. A card may get to the Config
state by one of two different methods. A card enters the Config state in response to the card
"winning" the serial isolation protocol and having a CSN assigned. The card also enters the Config
state in response to receiving a Wake[CSN] command that matches the card's CSN.
As described above, all Plug and Play cards function as if their serial identifier and their resource
data both come from the same serial device. As also stated above, the pointer to the serial device is
reset in response to any Wake[CSN] command. This implies that if a card enters the Config state
directly in response to a Wake[CSN] command, the 9-byte serial identifier must be read first before
the card resource data is accessed. The Vendor ID and Unique Serial Number is valid; however, the
checksum byte, when read in this way, is not valid. A card that enters the Config state after the
isolation protocol has been run has already accessed all 72 bits of the serial identifier and the first
read of the Resource Data register will return resource data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com