Electronic Components Datasheet Search
  English  ▼

X  

TPS4100 Datasheet(PDF) 6 Page - Tripath Technology Inc.

Part # TPS4100
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100 Datasheet(HTML) 6 Page - Tripath Technology Inc.

Back Button TPS4100 Datasheet HTML 2Page - Tripath Technology Inc. TPS4100 Datasheet HTML 3Page - Tripath Technology Inc. TPS4100 Datasheet HTML 4Page - Tripath Technology Inc. TPS4100 Datasheet HTML 5Page - Tripath Technology Inc. TPS4100 Datasheet HTML 6Page - Tripath Technology Inc. TPS4100 Datasheet HTML 7Page - Tripath Technology Inc. TPS4100 Datasheet HTML 8Page - Tripath Technology Inc. TPS4100 Datasheet HTML 9Page - Tripath Technology Inc. TPS4100 Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
6
TPS4100 – KL/Rev. 2.5/02.05
TPS4100 Connection Diagram
VPP
Cs
0.1uF
Do
VPP
Y2B
CPUMP
close to
PIN18
FAULT
FB1P
Ccp
0.1uF
VPP
Do
VPP
Co
0.47uF
Cz
0.22uF
FB4P
Do
FB3P
Do
Lo
10uH
Cz
0.22uF
Cbr
0.1uF
RL
SLEEPB
Cbr
0.1uF
Ccp
0.1uF
Cbr
390uF
Do
Y4B
FB3N
Y1B
Cbr
0.1uF
VPP
VPP
TPS4100
close to
PIN18
FB2P
Co
0.47uF
HMUTEB
Do
Do
FB1N
RL
Do
FB2N
Lo
10uH
Y3B
Do
Co
0.47uF
Rz
10;2W
VPP
close to
PIN28
VPP
Y1
Co
0.47uF
Y4
VPP
FB4N
Cz
0.22uF
close to
PIN28
Do
Cz
0.22uF
Co
0.47uF
VPP
Do
Do
Rz
10;2W
Ccp
0.1uF
RL
Do
Y3
Do
Lo
10uH
Do
Do
Lo
10uH
Rz
10;2W
Dcp
AM_MODE
Cbr
0.1uF
Dcp
Co
0.47uF
RL
VPP
Cs
3.3uF
Co
0.47uF
VPP
Y2
Rz
10;2W
Ccp
3.3uF
Co
0.47uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com