Electronic Components Datasheet Search
  English  ▼

X  

TPS4100 Datasheet(PDF) 8 Page - Tripath Technology Inc.

Part # TPS4100
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100 Datasheet(HTML) 8 Page - Tripath Technology Inc.

Back Button TPS4100 Datasheet HTML 4Page - Tripath Technology Inc. TPS4100 Datasheet HTML 5Page - Tripath Technology Inc. TPS4100 Datasheet HTML 6Page - Tripath Technology Inc. TPS4100 Datasheet HTML 7Page - Tripath Technology Inc. TPS4100 Datasheet HTML 8Page - Tripath Technology Inc. TPS4100 Datasheet HTML 9Page - Tripath Technology Inc. TPS4100 Datasheet HTML 10Page - Tripath Technology Inc. TPS4100 Datasheet HTML 11Page - Tripath Technology Inc. TPS4100 Datasheet HTML 12Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
8
TPS4100 – KL/Rev. 2.5/02.05
Typical Performance
100
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
1
2
5
10
20
50
100
W
V
PP = 1 4 .4 V
f = 1Khz
BW = 22Hz - 20kHz(AES17)
THD+N versus Output Power
R
L = 4 Ω
R
L = 2 Ω
100
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
1
200
2
5
10
20
50
100
W
R
L = 4Ω
f = 1Khz
BW = 22Hz - 20kHz(AES17)
THD+N versus Output Power
V
PP = 20V
V
PP = 25V
100
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
1
2
5
10
20
50
100
W
R
L = 8 Ω
f = 1Khz
BW = 22Hz - 20kHz(AES17)
THD+N versus Output Power
V
PP = 1 4 .4 V
V
PP = 2 0 V
V
PP = 25V
0
10
20
30
40
50
60
70
80
10
12
14
26
16
24
18
22
20
Output Power versus Supply Voltage
Supply Voltage (V
PP)
THD+N = SSW
THD+N = 10%
THD+N = 1%
R
L = 4 Ω
f= 1kH z
BW= 22H z - 20kH z(AES17)
90
100
110
120
0
10
20
30
40
50
60
70
80
90
0
100
150
200
Total Output Power (W )
250
300
Efficiency and Power D issipation versus
Total output Power
0
5
10
15
20
25
30
35
40
45
50
V
PP = 20V
R
L = 4 Ω
f= 1kHz
BW = 22Hz - 20kHz(AES17)
Power Dissipation
E fficienc y
0
10
20
30
40
50
60
70
80
90
0
100
150
200
250
300
350
Total Output Power (W )
400
450
500
Efficiency and Power D issipation versus
Total output Power
0
10
20
30
40
50
60
70
80
90
50
V
PP = 25V
R
L = 4 Ω
f= 1kHz
BW = 22Hz - 20kHz(AES17)
Power Dissipation
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com