Electronic Components Datasheet Search
  English  ▼

X  

TPS4100 Datasheet(PDF) 10 Page - Tripath Technology Inc.

Part # TPS4100
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100 Datasheet(HTML) 10 Page - Tripath Technology Inc.

Back Button TPS4100 Datasheet HTML 6Page - Tripath Technology Inc. TPS4100 Datasheet HTML 7Page - Tripath Technology Inc. TPS4100 Datasheet HTML 8Page - Tripath Technology Inc. TPS4100 Datasheet HTML 9Page - Tripath Technology Inc. TPS4100 Datasheet HTML 10Page - Tripath Technology Inc. TPS4100 Datasheet HTML 11Page - Tripath Technology Inc. TPS4100 Datasheet HTML 12Page - Tripath Technology Inc. TPS4100 Datasheet HTML 13Page - Tripath Technology Inc. TPS4100 Datasheet HTML 14Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
10
TPS4100 – KL/Rev. 2.5/02.05
PROTECTION CIRCUITS
The TPS4100 is guarded against over-current, over/under voltage, and over-temperature conditions. If
the device goes into one of the various protection states, the FAULT pin goes to a logic HIGH state
indicating a fault condition. When this occurs, all amplifier outputs are TRI-STATED and will float to VDD.
OVER-CURRENT PROTECTION
An over-current fault occurs if more than approximately 9.5 amps (typical) of current flows from any of the
amplifier output pins. This can occur if the speaker wires are shorted together, if one side of the speaker
is shorted to ground, or if an output is connected to VPP.
OVER AND UNDER VOLTAGE PROTECTION
An over-voltage fault occurs if the supply voltage is increased above 28.0 volts (typical), 26.0 volts
(minimum). This fault puts the amplifier into mute and resets automatically once the supply voltage is
reduced below the hysteresis band. The TPS4100 also has built-in load dump protection. This circuit
puts the amplifier into sleep mode if the supply voltage is increased above 30V. The TPS4100 is able to
survive power supply spikes to 60V if the duration is less than 50mS.
The TPS4100 is also equipped with under voltage protection. This circuit is activated if the supply voltage
goes below 8.1 volts (typical) and causes the output to mute. Increasing the supply voltage above the
hysteresis band (typically 9.5V) will bring the amplifier out of mute mode.
OVER-TEMPERATURE PROTECTION
An over-temperature FAULT occurs if the junction temperature of the part exceeds 160
°C (typical). The
thermal hysteresis is approximately 30
°C, therefore the fault will automatically clear when the junction
temperature drops below 130
°C.
SLEEP PIN (ACTIVE LOW)
The SLEEPB (SLEEP) pin is a logic input that when pulled low puts the TPS4100 into a low quiescent
current mode. This pin must be pulled up to an external 3.3V or 5V supply to activate (disable sleep
mode) the TPS4100. The sleep pin cannot be pulled up to VPP due to internal circuitry limitations. The
amplifier takes approximately 500mS to come out of sleep. This period of time allows the input capacitor
to charge fully assuming a value of 0.47uF. If the input capacitor size is increased, then additional time
will be required to allow for the input capacitor to fully charge. To ensure that turn on is pop-free, the
input capacitor must be fully charged before MUTEB is pulled high.
MUTEB PIN
The MUTEB pin is a logic input that mutes the TPS4100. Pulling this pin low activates the mute circuitry.
Pulling the pin high enables output switching and amplification. Please note that the input stage is still
biased at approximately 2.5V, even when MUTEB pin is low. This keeps the BIASCAP, CB and input
coupling capacitors, CI, completely charged. This allows for a clean transition from mute to on, and vice-
versa, which eliminates turn-on/off pops. Please note that DC calibration is done every time MUTEB
transitions from low to high. The DC calibration takes approximately 6mS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com