Electronic Components Datasheet Search
  English  ▼

X  

TPS4100 Datasheet(PDF) 9 Page - Tripath Technology Inc.

Part # TPS4100
Description  FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TPS4100 Datasheet(HTML) 9 Page - Tripath Technology Inc.

Back Button TPS4100 Datasheet HTML 5Page - Tripath Technology Inc. TPS4100 Datasheet HTML 6Page - Tripath Technology Inc. TPS4100 Datasheet HTML 7Page - Tripath Technology Inc. TPS4100 Datasheet HTML 8Page - Tripath Technology Inc. TPS4100 Datasheet HTML 9Page - Tripath Technology Inc. TPS4100 Datasheet HTML 10Page - Tripath Technology Inc. TPS4100 Datasheet HTML 11Page - Tripath Technology Inc. TPS4100 Datasheet HTML 12Page - Tripath Technology Inc. TPS4100 Datasheet HTML 13Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
9
TPS4100 – KL/Rev. 2.5/02.05
Typical Performance AM Mode
100
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
1
2
5
10
20
50
100
W
AM MODE
R
L = 4 Ω
f = 1Khz
BW = 22Hz - 20kHz(AES17)
THD+N versus Output Power
V
S = 1 4 .4 V
V
S = 16V
Efficiency and Power D issipation versus
Total output Power
0
10
20
30
40
50
60
70
80
020
30
40
Total Output Power (W )
50
60
0
15
30
60
45
10
AM MOD E
V
PP = 1 4 .4 V
R
L = 4 Ω
f= 1kH z
BW = 22H z - 20kH z(AES17)
Power Dissipation
Efficiency
70
80
90
100
Application Information
GENERAL DESCRIPTION
The TPS4100 is a 4-channel BTL (Bridge Tied Load) audio amplifier power stage that operates on a
single supply voltage ranging from 10-26V. The device is targeted specifically to meet the demands of
OEM and aftermarket automobile in-dash head units. With a single supply voltage of 25V, the device
delivers four 100 Watt (saturated square wave) channels into 4 ohm. Since the TPS4100 is a switching
amplifier, the average dissipation at low to medium output power is far superior to best in class AB
amplifiers specifically designed for in-dash head units.
POWER SUPPLY REQUIREMENTS
The device is configured to operate from a single supply voltage of 10-26V. This allows the device to
operate from an automobile battery under various conditions including: battery voltage with the engine off,
alternator voltage with engine running and boosted voltage operation up to 26V using a DC-DC converter
or voltage booster. The sleep pin must be driven from a microcontroller or external 3.3V or 5.0V power
supply.
AM MODE
When used in conjunction with a Class-T controller, such as TCD6001, the TPS4100 is configured as a
high power, high efficiency, four channel switching amplifier. The TPS4100 also has an additional
amplifier mode named “AM Mode.” By pulling the AM pin to a logic high level, the amplifier is configured
as a Class B amplifier as opposed to the normal, Class-T amplifier.
AM mode significantly reduces EMI generation since the output amplifiers are now operated in linear
mode. Operating in Class B mode also reduces the TPS4100 efficiency especially at low to medium
output powers. Due to this increased power dissipation, it is recommended that the AM mode is used for
applications such as AM radio playback where the average output level is minimal and a switching
amplifier would most effect radio reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com