Electronic Components Datasheet Search
  English  ▼

X  

2001 Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # 2001
Description  7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2001 Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  2001 Datasheet HTML 1Page - TEKTRONIX, INC. 2001 Datasheet HTML 2Page - TEKTRONIX, INC. 2001 Datasheet HTML 3Page - TEKTRONIX, INC. 2001 Datasheet HTML 4Page - TEKTRONIX, INC. 2001 Datasheet HTML 5Page - TEKTRONIX, INC. 2001 Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.keithley.com
1.888.KEITHLEY (U.S. only)
A Greater Measure of Confidence
ordering Information
2001 High Performance 7½-Digit
DMM with 8K Memory
2002 High Performance 8½-Digit
DMM with 8K Memory
2000-sCaN
10-channel scanner Card
2001-sCaN
10-channel scanner
Card with two high-
speed channels
2001-TCsCaN
9-channel Thermocouple
scanner Card
2001/MEM1
High Performance 7½-Digit
DMM with 32K Memory
2001/MEM2
High Performance 7½-Digit
DMM with 128K Memory
2002/MEM1
High Performance 8½-Digit
DMM with 32K Memory
2002/MEM2
High Performance 8½-Digit
DMM with 128K Memory
accessories supplied
Model 8605 High Performance
Modular Test leads, user’s
manual, option slot cover,
and full calibration data.
2001
2002
7½-Digit High Performance Multimeter
8½-Digit High Performance Multimeter
The unique Trigger-Link feature included in the Model 2001 and 2002 and most Keithley test and
measurement products can be used to coordinate the operation of two or more instruments.
Trigger-Link combines six independent software selectable trigger lines on a single connector for
simple, direct control over all instruments in a system.
spot Trends with the bar-Graph Display
The ability to track reading trends around a target value easily can be just as important as the abso-
lute readings. A unique bar-graph display function in the 2001 and 2002 indicates data as a percent-
age of the selected range from ±0.01% to ±100%. Whether adjusting about zero or any other desired
value, this display can replace a nulling differential voltmeter.
Capture spikes Down to 1µs
Both the 2001 and 2002 have internal peak detectors that can catch 1µs spikes such as power supply
spikes and transients, AC line power surges, and short-duration dropouts on components. These peak
detectors operate up to 1MHz for repetitive signals or down to 1µs for single spikes, so there is no
need for a separate scope. The DMMs can automatically display and store the highest value or display
the maximum and minimum values of spikes.
built-in features and Capabilities
The 2001 and 2002 offer many built-in measurements that are typically unavailable in instruments
of this type, including in-circuit current, temperature with thermocouples or RTDs, and peak spikes.
Four separate outputs linked to limits simplify configuring the DMMs for use in binning operations.
DC Voltage
1nV
1100V
10nV
1100V
AC Voltage
100nV
775Vrms
AC Voltage Bandwidth
1Hz
2MHz
DC Current 10pA
2.1A
DC In-Circuit Current
100µA
12A
AC Current
100pA
2.1A
Frequency
1Hz
15MHz
Frequency Sensitivity
60mV
775Vrms
Period
67ns
1s
Crest Factor
20Hz
1MHz
Peak Spikes–Repetitive
500ns
16s
Peak Spikes–Single
2µs
16s
Resistance 2-Wire
100n
Ω
1G
Ω
1µ
Ω
1G
Ω
Resistance 4-Wire
100n
Ω
2.1M
Ω
1µ
Ω
210k
Ω
Temperature–RTD
–200°
630°C
Temperature–TC
–200°
1820°C
Model 2002
Model 2001
Logarithmic scale
1p
1n
1µ
1m
1
1k
1M
1G
10–12
10–9
10–6
10–3
100
103
106
109
Linear scale
—500
0500
1000
1500
2000
both the 2001 and 2002 provide exceptional measurement range. In addition, the 2002 offers
extended DCV and resistance measurement capabilities.
for more information, request
the Model 2001 and 2002
Technical specifications books.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com