Electronic Components Datasheet Search
  English  ▼

X  

2001 Datasheet(PDF) 6 Page - TEKTRONIX, INC.

Part # 2001
Description  7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2001 Datasheet(HTML) 6 Page - TEKTRONIX, INC.

  2001 Datasheet HTML 1Page - TEKTRONIX, INC. 2001 Datasheet HTML 2Page - TEKTRONIX, INC. 2001 Datasheet HTML 3Page - TEKTRONIX, INC. 2001 Datasheet HTML 4Page - TEKTRONIX, INC. 2001 Datasheet HTML 5Page - TEKTRONIX, INC. 2001 Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.keithley.com
1.888.KEITHLEY (U.S. only)
A Greater Measure of Confidence
2002 Condensed specifications (continued)
oHMs
TWo-WIrE aND four-WIrE oHMs
range
full scale
resolution
Current
source 1
relative accuracy 3
±(ppm of reading + ppm of range)
Transfer 7 24 Hours 4 90 Days 5
1 Year 5
2 Years 5
20
W 21.000000 W
100 n
W
7.2 mA
2 .5 + 3
5 + 4.5
15 + 6
17 + 6
20 + 6
200
W 210.00000 W
1 µ
W
960 µA
2 .5 + 2
5 + 3
15 + 4
17 + 4
20 + 4
2 k
W 2100.0000 kW
10 µ
W
960 µA
1.3 + 0.2
2 .5 + 0.3
7 + 0.4
9 + 0.4
11 + 0.4
20 k
W 21.000000 kW
100 µ
W
96 µA
1.3 + 0.2
2 .5 + 0.3
7 + 0.4
9 + 0.4
11 + 0.4
200 k
W 210.00000 kW
1 m
W
9.6 µA
2 .5 + 0.4
5.5 + 0.5
29 + 0.8
35 + 0.9
40 + 1
2 M
W
2 .1000000 M
W
10 m
W
1.9 µA
5 + 0.2
12 + 0.3
53 + 0.5
65 + 0.5
75 + 0.5
20 M
W 2 21.000000 MW
100 m
W
1.4 µA 6
15 + 0.1
50 + 0.2
175 + 0.6
250 + 0.6
300 + 0.6
200 M
W 2 210.00000 MW
1
W
1.4 µA 6
50 + 0.5
150 + 1
500 + 3
550 + 3
600 + 3
1 G
W 2 1.0500000 GW
10
W
1.4 µA 6
250 + 2 .5
750 + 5
2000 + 15
2050 + 15
2100 + 15
2001
2002
7½-Digit High Performance Multimeter
8½-Digit High Performance Multimeter
oHMs NoTEs
1. Current source has an absolute accuracy of ±5% .
2 . For 2-wire mode.
3. Specifications are for 10 power line cycles, 10-reading repeat digital
filter, synchronous autozero, autorange off, 4-wire mode, offset com-
pensation on (for 20
W to 20kW ranges), except as noted.
4 . For TCAL ±1°C, following 4-hour warm-up. TCAL is ambient temperature
at calibration (23°C at the factory).
5. For TCAL ±5°C, following 4-hour warm-up.
6 . Current source is paralleled with a 10M
W resistance.
7. Specifications apply for 20-reading repeat digital filter, TREF ±0.5°C
(TREF is the initial ambient temperature), and for measurements within
10% of the initial measurement value and within 10 minutes of the
initial measurement time .
DC aMPs
DCI INPuT CHaraCTErIsTICs aND aCCuraCY
range
full scale
resolution
Maximum
burden Voltage 3
relative accuracy
±(ppm of reading + ppm of range)
24 Hours 1 90 Days 2
1 Year 2
2 Years 2
200 µA
210.00000 µA
10 pA
0.25 V
50 + 6
275 + 25
350 + 25
500 + 25
2 mA
2 .1000000 mA
100 pA
0.3 V
50 + 5
275 + 20
350 + 20
500 + 20
20 mA
21.000000 mA
1 nA
0.35 V
50 + 5
275 + 20
350 + 20
500 + 20
200 mA
210.00000 mA
10 nA
0.35 V
75 + 5
300 + 20
375 + 20
525 + 20
2 A
2 .1000000
A
100 nA
1.1 V
350 + 5
600 + 20
750 + 20
1000 + 20
DC aMPs NoTEs
1. For TCAL ±1°C, following 55-minute warm-up. TCAL is ambient tempera-
ture at calibration (23°C at the factory).
2 . For TCAL ±5°C, following 55-minute warm-up.
3. Actual maximum burden voltage = (maximum burden voltage) ×
(I MEASURED/I FULL SCALE).
aC aMPs
aCI accuracy 1, 2
90 Days, 1 Year or 2 Years, TCal ±5°C, for 5% to 100% of range, ±(% of reading + % of range)
range
20Hz–
50Hz
50Hz–
200Hz
200Hz–
1kHz
1kHz–
10kHz
10kHz–
30kHz3
30kHz–
50kHz3
50kHz–
100kHz3
200 µA
0.35 + 0.015
0.2 + 0.015
0.4 + 0.015
0.5 + 0.015
2 mA
0.3 + 0.015
0.15 + 0.015
0.12 + 0.015
0.12 + 0.015
0.25 + 0.015
0.3 + 0.015
0.5 + 0.015
20 mA
0.3 + 0.015
0.15 + 0.015
0.12 + 0.015
0.12 + 0.015
0.25 + 0.015
0.3 + 0.015
0.5 + 0.015
200 mA
0.3 + 0.015
0.15 + 0.015
0.12 + 0.015
0.15 + 0.015
0.5 + 0.015
1 + 0.015
3 + 0.015
2 A
0.35 + 0.015
0.2 + 0.015
0.3 + 0.015
0.45 + 0.015
1.5 + 0.015
4 + 0.015
aC aMPs NoTEs
1 Specifications apply for sinewave input, AC+DC coupling, 1 power line
cycle, autozero on, digital filter off, following 55-minute warm-up.
2 Add 0 .005% of range uncertainty for current above 0 .5A rms for
self-heating .
3. Typical values .
frEQuENCY CouNTEr
AC VOLTAGE INPUT: 1Hz–15 MHz .
ACCURACy: ±(0.03% of reading).
DC IN-CIrCuIT CurrENT
TyPICAL RANGES: Current: 100µA to 12A . Trace Resistance: 1m
W to 10W.
ACCURACy: ±(5% + 500µA). For 1 power line cycle, autozero on, 10-reading digital filter,
TCAL ±5°C, 90 days, 1 year or 2 years.
TEMPEraTurE
Built-in linearization for J, K, N, T, E, R, S, B thermocouple types to ITS-90 and 100
W platinum
RTDs DIN 43760, IPTS-68, and ITS-90.
GENEral
POWER: Voltage: 90–134V and 180–250V, universal self-selecting . Frequency: 50Hz, 60Hz,
or 400Hz self-identifying at power-up. Consumption: <55VA .
ENVIRONMENTAL: Operating Temperature: 0° to 50°C . Storage Temperature: –40° to
70°C . Humidity: 80% R .H ., 0° to 35°C .
PHySICAL: Case Dimensions: 90mm high × 214mm wide × 369mm deep (3½ in . × 8½ in .
× 14½ in .). Net Weight: <4.2kg (<9.2 lbs .). Shipping Weight: <9.1kg (<20 lbs .).
STANDARDS
EMI/RFI: Conforms to European Union EMC directive.
Safety: Conforms to European Union Low Voltage directive.
Note 1: For MIL-T-28800E, applies to Type III, Class 5, Style E .



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com