Electronic Components Datasheet Search
  English  ▼

X  

2001 Datasheet(PDF) 1 Page - TEKTRONIX, INC.

Part # 2001
Description  7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2001 Datasheet(HTML) 1 Page - TEKTRONIX, INC.

  2001 Datasheet HTML 1Page - TEKTRONIX, INC. 2001 Datasheet HTML 2Page - TEKTRONIX, INC. 2001 Datasheet HTML 3Page - TEKTRONIX, INC. 2001 Datasheet HTML 4Page - TEKTRONIX, INC. 2001 Datasheet HTML 5Page - TEKTRONIX, INC. 2001 Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A Greater Measure of Confidence
www.keithley.com
1.888.KEITHLEY (U.S. only)
DMM users whose applications demand exceptional resolution, accuracy,
and sensitivity combined with high throughput now have two attractive
alternatives to high priced, high end DMMs. Keithley’s 7½-digit Model 2001
and 8½-digit Model 2002 High Performance Digital Multimeters not only
deliver performance specifications usually associated with instruments that
cost thousands more, but they also offer a broad range of functions not
typically available from DMMs. The 2002 is based on the same superior
measurement technology as the 2001, and the front panels of both instru-
ments have the same look, feel, and response.
True 7½- (or 8½-) Digit resolution
While other DMMs may claim 7½- or 8½-digit resolution, they must aver-
age multiple readings to extend their resolution. The resolution speci-
fications of the 2001 and 2002 are based on a 28-bit A/D converter that
provides the resolution needed to discern smaller changes. This higher
resolution also provides greater dynamic range, making it possible to
measure from 1µV to 20V on a single range, thus avoiding range-shift
errors and delays.
built-In scanner (Multiplexer) options
With the addition of a plug-in scanner card, the 2001 or 2002 becomes a
complete scan and measure system for applications involving up to ten
measurement points. The additional
resolution and measurement ranges pro-
vided by the 2002 make it an excellent
choice for production test, design verifi-
cation, and metrology applications where high accuracy is critical.
High accuracy aCV Measurements
A patented circuit design makes the 2001 and 2002’s AC measurements several times more accurate
than competitive DMMs. In this circuit, the signal bypasses the prime error-contributing section of
conventional rms converters. This increases the accuracy at almost any voltage level, and also increas-
es sensitivity down to a guaranteed 1% of the selected range, compared to 5–10% for most other
DMMs. The result is highly accurate measurements over a broad range of inputs.
Applications involving vibration, servo, guidance, shock, and control systems often require accu-
rate low frequency ACV measurements. The 2001 and 2002 maintain very good accuracy (better
than 0.1%) down to 1Hz. The wide bandwidth of these DMMs allows for accurate measurements of
high frequency AC signals without the need for a special AC meter. Both the 2001 and 2002 feature
TRMS AC, average AC, peak AC, AC+DC, and crest factor measurement capability for a wide variety
of applications.
High speed for High Throughput
In applications where high throughput is critical, both the 2001 and 2002 provide more than 2000
readings per second at 4½-digit resolution. At 7½ digits, the 2002 maintains full rated accuracy at
reading rates up to 44/second on DCV and ohms.
High speed, High Precision resistance Measurements
The Model 2002 uses a unique single-phase method for 4-wire ohms measurements. This makes it
twice as fast for a given power line cycle rate. This also eliminates errors due to changing lead resis-
tances that can result from fast test handlers. A built-in open-lead detection circuit also eliminates
many production test problems.
fast, flexible Triggering
Trigger latency—the delay between trigger and measurement—is often a barrier to higher throughput.
Also, variability in latency can complicate predicting measurement timing. The 2001 and 2002 trigger
is less than 2µs±1µs, which is much faster than typical system DMMs.
• True 7½- (Model 2001)
or 8½-digit (Model 2002)
resolution
• Exceptional measurement
integrity with high speed
• High speed function and range
changing
• broad range of built-in
measurement functions
• Multiple measurement display
• built-in 10 channel scanner
option
• GPIb interface
• HP3458a emulation mode
(Model 2002)
2001
7½-Digit High Performance Multimeter
2002
8½-Digit High Performance Multimeter


Similar Part No. - 2001

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2001 GHZTECH-2001 Datasheet
208Kb / 4P
1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
logo
Schurter Inc.
2001 SCHURTER-2001 Datasheet
383Kb / 2P
US Power Supply Cord with IEC Connector C13, V-Lock, straight
logo
Heyco.
2001 HEYCO-2001 Datasheet
133Kb / 1P
Snap Bushings
logo
Adafruit Industries
2001 ADAFRUIT-2001 Datasheet
122Kb / 1P
Silicone Cover Stranded-Core Wire - 2m 30AWG Red
logo
Dwyer Instruments,
2001 DWYER-2001 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
More results

Similar Description - 2001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
33/4 Digit, Autoranging Multimeter
August 1997
logo
Agilent(Hewlett-Packard...
E1412A HP-E1412A Datasheet
352Kb / 11P
6.5-Digit High-Accuracy Multimeter C-Size
logo
List of Unclassifed Man...
8808A ETC2-8808A Datasheet
517Kb / 1P
8808A 5.5 Digit Multimeter
logo
Keysight Technologies
E1411B KEYSIGHT-E1411B Datasheet
250Kb / 7P
5.5-Digit Multimeter, C-Size
E1412A KEYSIGHT-E1412A Datasheet
679Kb / 11P
6.5-Digit High-Accuracy Multimeter C-Size
logo
ASM GmbH
4200DT ASM-SENSOR-4200DT Datasheet
4Mb / 12P
HIGH-END- und HIGH-PERFORMANCE-MULTIMETER
logo
TEKTRONIX, INC.
2100 TEKTRONIX-2100 Datasheet
344Kb / 4P
6쩍-Digit USB Digital Multimeter
2110 TEKTRONIX-2110 Datasheet
864Kb / 4P
5쩍-Digit Dual-Display Digital Multimeter
logo
List of Unclassifed Man...
DT9205A ETC1-DT9205A Datasheet
401Kb / 4P
Digital Multimeter Digit height 33mm
logo
Good Will Instrument Co...
GDM-906X GWINSTEK-GDM-906X Datasheet
3Mb / 2P
Digit Measurement Multimeter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com