Electronic Components Datasheet Search
  English  ▼

X  

2001 Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # 2001
Description  7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2001 Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  2001 Datasheet HTML 1Page - TEKTRONIX, INC. 2001 Datasheet HTML 2Page - TEKTRONIX, INC. 2001 Datasheet HTML 3Page - TEKTRONIX, INC. 2001 Datasheet HTML 4Page - TEKTRONIX, INC. 2001 Datasheet HTML 5Page - TEKTRONIX, INC. 2001 Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.keithley.com
1.888.KEITHLEY (U.S. only)
A Greater Measure of Confidence
2001 Condensed specifications
DC VolTs
DCV INPuT CHaraCTErIsTICs aND aCCuraCY
Default
resolution
Input
resistance
accuracy
±(ppm of reading + ppm of range)
range
full scale
resolution
5
Minutes4
24
Hours1
90
Days2
1
Year2
2
Years2
200 mV 3 ±210.00000 mV
10 nV
100 nV
>10 G
W
3 + 3
10 + 6
25 + 6
37 + 6
50 + 6
2 V
±2.1000000 V
100 nV
1 µV
>10 G
W
2 + 1.5
7 + 2
18 + 2
25 + 2
32 + 2
20 V
±21.000000 V
1 µV
10 µV
>10 G
W
2 + 1.5
7 + 4
18 + 4
24 + 4
32 + 4
200 V
±210.00000 V
10 µV
100 µV
10 M
W ±1%
2 + 1.5
13 + 3
27 + 3
38 + 3
52 + 3
1000 V
±1100.0000 V
100 µV
1 mV
10 M
W ±1%
10 + 1.5
17 + 6
31 + 6
41 + 6
55 + 6
2001
2002
7½-Digit High Performance Multimeter
8½-Digit High Performance Multimeter
DC VolTs NoTEs
1. For TCAL ±1°C, following 55-minute warm-up. TCAL is ambient tempera-
ture at calibration, which is 23°C from factory.
2 . For TCAL ±5°C, following 55-minute warm-up. Specifications include
factory traceability to US NIST.
3. When properly zeroed using REL function .
4 . DCV Transfer Stability typical applications are standard cell compari-
sons and relative accuracy measurements . Specs apply for 10 power
line cycles, 20-reading digital filter, autozero on with type synchro-
nous, fixed range following 2-hour warm-up at full scale to 10% of
full scale, at TREF ±1°C (TREF is the initial ambient temperature).
Specifications on the 1000V range are for measurements within 5% of
the initial measurement value and following measurement settling .
aC VolTs
Normal Mode rMs1
90 Days, ±2°C from last aC self-cal for 1% to 100% of range2
±(% of reading + % of range)
range
20–50Hz
50–100Hz
0.1–2kHz
2–10kHz
10–30kHz
30–50kHz
50–100kHz
100–200kHz
0.2–1MHz
1–2MHz
200 mV
0.25 + 0.015
0.07 + 0.015
0.03 + 0.015
0.03 + 0.015
0.035 + 0.015
0.05 + 0.015
0.3 + 0.015
0.75 + 0.025
2 + 0.1
5 + 0.2
2 V
0.25 + 0.015
0.07 + 0.015
0.03 + 0.015
0.03 + 0.015
0.035 + 0.015
0.05 + 0.015
0.3 + 0.015
0.75 + 0.025
2 + 0.1
5 + 0.2
20 V
0.25 + 0.015
0.07 + 0.015
0.04 + 0.015
0.06 + 0.015
0.08 + 0.015
0.1 + 0.015
0.3 + 0.015
0.75 + 0.025
4 + 0.2
7 + 0.2 4
200 V 3
0.25 + 0.015
0.07 + 0.015
0.04 + 0.015
0.06 + 0.015
0.08 + 0.015
0.1 + 0.015
0.3 + 0.015
0.75 + 0.025 4
4 + 0.2 4
750 V 3
0.25 + 0.015
0.1 + 0.015
0.08 + 0.015
0.09 + 0.015
0.12 + 0.015
0.15 + 0.015 4
0.5 + 0.015 4
aC VolTs NoTEs
1. Specifications apply for sinewave input, AC + DC coupling, 1 power line cycle, digital filter off, following 55 minute warm-up.
2 . For 1% to 5% of range below 750V range, and for 1% to 7% of 750V range, add 0.01% to range uncertainty. For inputs from 200kHz to 2MHz, specifications apply above 10% of range.
3. Add 0 .001% of reading × (VIN/100V)2 additional uncertainty above 100V rms.
4 . Typical values .
oHMs
TWo-WIrE aND four-WIrE oHMs (2W and 4W ohms functions) 6
Default
resolution
Current
source 1
resistance accuracy 3
±(ppm of reading + ppm of range)
range
full scale
resolution
24 Hours 4 90 Days 5
1 Year 5
2 Years 5
20
W
21.000000
W
1 µ
W
10 µ
W
9.2 mA
29 + 7
52 + 7
72 + 7
110 + 7
200
W
210.00000
W
10 µ
W
100 µ
W
0.98 mA
24 + 7
36 + 7
56 + 7
90 + 7
2 k
W
2100.0000 k
W
100 µ
W
1 m
W
0.98 mA
22 + 4
33 + 4
50 + 4
80 + 4.5
20 k
W
21.000000 k
W
1 m
W
10 m
W
89
µA
19 + 4
32 + 4
50 + 4
80 + 4.5
200 k
W
210.00000 k
W
10 m
W
100 m
W
7
µA
20 + 4.5
72 + 4.5
90 + 4.5
130 + 5
2 M
W 2 2.1000000 MW
100 m
W
1
W
770
nA
50 + 4.5
110 + 4.5
160 + 4.5
230 + 5
20 M
W 2 21.000000 MW
1
W
10
W
70
nA
160 + 4.5
560 + 4.5
900 + 4.5
1100 + 5
200 M
W 2 210.00000 MW
10
W
100
W
4.4 nA
3000 + 100 10000 +100 20000 + 100 30000 + 100
1 G
W 2 1.0500000 GW
100
W
1 k
W
4.4 nA
9000 + 100 20000 +100 40000 + 100 60000 + 100
oHMs NoTEs
1. Current source is typically ±9% absolute accuracy.
2 . For 2-wire mode.
3. Specifications are for 1 power line cycle, 10 reading digital filter,
Auto Zero on, 4-wire mode, offset compensation on (for 20
W to
20k
W ranges).
4 . For TCAL ±1°C, following 55 minute warm-up. TCAL is ambient tempera-
ture at calibration (23°C at the factory).
5. For TCAL ±5°C, following 55-minute warm-up. Specifications include
traceability to US NIST.
6 . When measuring resistance of inductive loads, the inductance of that
load must be 10mH or less .
DC aMPs
DCI INPuT CHaraCTErIsTICs aND aCCuraCY4
range
full scale
resolution
Default
resolution
Maximum
burden
Voltage6
accuracy1
±(ppm of reading + ppm of range)
24 Hours2 90 Days3
1 Year3
2 Years3
200 µA
210.00000 µA
10 pA
100 pA
0.25 V
63 + 25
300 + 25
500 + 25
1350 + 25
2 mA
2.1000000 mA
100 pA
1 nA
0.31 V
64 + 20
300 + 20
400 + 20
750 + 20
20 mA
21.000000 mA
1 nA
10 nA
0.4 V
65 + 20
300 + 20
400 + 20
750 + 20
200 mA
210.00000 mA
10 nA
100 nA
0.5 V
96 + 20
300 + 20
500 + 20
750 + 20
2
A
2.1000000 A
100 nA
1 µA
1.5 V
500 + 20
600 + 20
900 + 20
1350 + 20
DC aMPs NoTEs
1. Specifications are for 1 power line cycle, Auto Zero on, 10 reading
digital filter.
2 . For TCAL ±1°C, following 55 minute warm-up.
3. For TCAL ±5°C, following 55 minute warm-up. Specifications include
traceability to US NIST.
4 . Add 50 ppm of range for current above 0 .5A for self heating .
6 . Actual maximum voltage burden = (maximum voltage burden) ×
(IMEASURED/IFULL SCALE).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com