Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7565 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button ST7565 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 46Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
ST7565S
Ver 0.3c
43/72
2002/07/22
Column Address Set
This command specifies the column address of the display data RAM shown in Figure 4. The column address is split into two
sections (the higher 4 bits and the lower 4 bits) when it is set (fundamentally, set continuously). Each time the display data RAM
is accessed, the column address automatically increments (+1), making it possible for the MPU to continuously read from/write
to the display data. The column address increment is topped at 83H. This does not change the page address continuously. See
the function explanation in “The Column Address Circuit,” for details.
E R/W
A0
/RD /WR D7 D6 D5 D4 D3 D2 D1 D0 A7 A6 A5 A4 A3 A2 A1 A0
Column
address
High bits
→
Low bits
→
0
1
0
0
0
0
1
A7 A6
A5 A4
0
0
0
0
0
0
0
0
0 A3 A2
A1 A0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
1
0
↓
1
0
0
0
0
0
1
0
1
0
0
0
0
0
1
1
0
1
2
↓
130
131
Status Read
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3 D2 D1 D0
0
0
1
BUSY
ADC
ON/OFF RESET
0
0
0
0
BUSY
BUSY = 1: it indicates that either processing is occurring internally or a reset condition is in process.
BUSY = 0: A new command can be accepted . if the cycle time can be satisfied, there is no need to check
for BUSY conditions.
ADC
This shows the relationship between the column address and the segment driver.
0: Normal (column address n
↔ SEG n)
1: Reverse (column address 131-n
↔ SEG n)
(The ADC command switches the polarity.)
ON/OFF
ON/OFF: indicates the display ON/OFF state.
0: Display ON
1: Display OFF
(This display ON/OFF command switches the polarity.)
RESET
This indicates that the chip is in the process of initialization either because of a /RES signal or because of a
reset command.
0: Operating state
1: Reset in progress
Display Data Write
This command writes 8-bit data to the specified display data RAM address. Since the column address is automatically
incremented by “1” after the write, the MPU can write the display data.
E
R/W
A0
/RD
/WR
D7 D6 D5 D4 D3 D2 D1 D0
1
1
0
Write data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com