Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7565 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button ST7565 Datasheet HTML 65Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 66Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 67Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 68Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 69Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 70Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 71Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 72Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 73Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
ST7565S
Ver 0.3c
69/73
2002/07/22
Reset Timing
Internal
status
tRW
tR
During reset
Reset complete
RES
Figure 41
Table 36
(VDD = 3.3V , Ta = –40 to 85°C )
Rating
Item
Signal
Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
tR
—
—
0.5
us
Reset “L” pulse width
/RES
tRW
0.5
—
—
us
Table 37
(VDD = 2.7V , Ta = –40 to 85°C )
Rating
Item
Signal
Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
tR
—
—
1
us
Reset “L” pulse width
/RES
tRW
1
—
—
us
Table 38
(VDD = 1.8V , Ta = –40 to 85°C )
Rating
Item
Signal
Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
tR
—
—
1.5
us
Reset “L” pulse width
/RES
tRW
1.5
—
—
us
*1 All timing is specified with 20% and 80% of VDD as the standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com