Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7565 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ST7565 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 46Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 47Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 48Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 49Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
ST7565S
Ver 0.3c
46/72
2002/07/22
Figure 25
End
This command releases the read/modify/write mode, and returns the column address to the address it was at when the mode
was entered.
E
R/W
A0
/RD
/WR
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
1
1
1
0
1
1
1
0
Reset
This command initializes the display start line, the column address, the page address, the common output mode, the V5 voltage
regulator internal resistor ratio, the electronic volume, and the static indicator are reset, and the read/modify/write mode and
test mode are released. There is no impact on the display data RAM. See the function explanation in “Reset” for details.
The reset operation is performed after the reset command is entered.
E
R/W
A0
/RD /WR
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
1
1
1
0
0
0
1
0
The initialization when the power supply is applied must be done through applying a reset signal to the /RES terminal. The reset
command must not be used instead.
Common Output Mode Select
This command can select the scan direction of the COM output terminal. For details, see the function explanation in
“Common Output Mode Select Circuit.”
Selected Mode
E R/W
A0 /RD /WR D7 D6 D5 D4 D3 D2 D1 D0
1/65duty
1/49duty
1/33duty
1/55duty
1/53duty
0
1
0
1
1
0
0
0
*
*
*
1
Normal
Reverse
COM0→COM63
COM63→COM0
COM0→COM47
COM47→COM0
COM0→COM31
COM31→COM0
COM0→COM53
COM53→COM0
COM0→COM51
COM51→COM0
* Disabled bit
Column address
Read-modify-write mode set
N
N+1
N+2
N+3
N+m
N
End
Return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com