Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7565 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST7565 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
ST
Sitronix
ST7565S
65 x 132 Dot Matrix LCD Controller/Driver
Ver 0.3c
1/73
2002/07/22
F
FE
EA
AT
TU
UR
RE
ES
S
Direct display of RAM data through the display data
RAM.
RAM capacity : 65 x 132 = 8580 bits
Display duty selectable by select pin
1/65 duty : 65 common x 132 segment
1/49 duty : 49 common x 132 segment
1/33 duty : 33 common x 132 segment
1/55 duty : 55 common x 132 segment
1/53 duty : 53 common x 132 segment
High-speed 8-bit MPU interface (The chip can be
connected directly to the both the 80x86 series MPUs
and the 68000 series MPUs)
/Serial interfaces are supported.
Abundant command functions
Display data Read/Write, display ON/OFF, Normal/
Reverse display mode, page address set, display start
line set, column address set, status read, display all
points ON/OFF, LCD bias set, electronic volume,
read/modify/write, segment driver direction selects,
power saver, static indicator, common output status
select, V5 voltage regulation internal resistor ratio set.
Static drive circuit equipped internally for indicators.
(1 system, with variable flashing speed.)
Low-power liquid crystal display power supply circuit
equipped internally.
Booster circuit (with Boost ratios of 2X/3X/4X/5X/6X
, where the step-up voltage reference power
supply can be input externally).
High-accuracy voltage adjustment circuit (Thermal
gradient –0.05%/°C ) V5 voltage regulator resistors
equipped internally, V1 to V4 voltage divider resistors
equipped internally, electronic volume function
equipped internally, voltage follower.
CR oscillator circuit equipped internally (external
clock can also be input)
Extremely low power consumption Operating power
when the built-in power supply is used (an example)
60uA (VDD – VSS = VDD – VSS2 =3.0 V, Quad voltage,
V5 – VDD = – 11.0 V).
Conditions: When displays pattern OFF and the
normal mode is selected.
Power supply operate on the low 1.8 voltage
Logic power supply
VDD – VSS = 1.8V to 3.3 V (+10% Range)
Boost reference voltage: VDD – VSS2 = 1.8V to 3.3V
Booster maximum voltage limited
VOUT= -13V (+10% Range)
Liquid crystal drive power supply:
VDD – V5 = 4.0V to 13.0 V
Wide range of operating temperatures: –40 to 85°C
CMOS process
Shipping forms include bare chip and TCP.
These chips not designed for resistance to light or
resistance to radiation.
G
GE
EN
NE
ER
RA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
The ST7565S is a single-chip dot matrix LCD driver that can
be connected directly to a microprocessor bus. 8-bit parallel
or serial display data sent from the microprocessor is stored
in the internal display data RAM and the chip generates a
LCD drive signal independent of the microprocessor.
Because the chips in the ST7565S contain 65x132 bits of
display data RAM and there is a 1-to-1 correspondence
between the LCD panel pixels and the internal RAM bits,
these chips enable displays with a high degree of freedom.
The ST7565S chips contain 65 common output circuits and
132 segment output circuits, so that a single chip can drive a
65x132 dot display (capable of displaying 8 columnsx4 rows
of a 16x16 dot kanji font).
Moreover, the capacity of the display can be extended
through the use of master/slave structures between chips.
The chips are able to minimize power consumption
because no external operating clock is necessary for the
display data RAM read/write operation. Furthermore,
because each chip is equipped internally with a low-power
LCD driver power supply, resistors for LCD driver power
voltage adjustment and a display clock CR oscillator circuit,
the ST7565S can be used to create the lowest power display
system with the fewest components for high-performance
portable devices.
PART NO.
VRS temperature gradient
VRS range
ST7565S
-0.05%/°C
-2.1V ±0.03V


Similar Part No. - ST7565

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7565

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
65 x 132 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
132 x 39 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com