Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7567 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ST7567 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 22Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
ST7565S
Ver 0.3c
19/72
2002/07/22
P
PIIN
N D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
NS
S
Power Supply Pins
Pin Name
I/O
Function
No. of Pins
VDD
Power
Supply
Shared with the MPU power supply terminal Vcc.
13
VSS
Power
Supply
This is a 0V terminal connected to the system GND.
10
VSS2
Power
Supply
This is the reference power supply for the step-up voltage circuit for the
liquid crystal drive.
2
VRS
Power
Supply
This is the internal-output VREG power supply for the LCD power supply
voltage regulator.
2
V1, V2,
V3, V4,
V5
Power
Supply
This is a multi-level power supply for the liquid crystal drive. The voltage Supply
applied is determined by the liquid crystal cell, and is changed through the use of
a resistive voltage divided or through changing the impedance using an op. amp.
Voltage levels are determined based on VDD, and must maintain the relative
magnitudes shown below.
VDD (= V0) ≧V1 ≧V2 ≧V3 ≧V4 ≧V5
When the power supply turns ON, the internal power supply circuits produce the
V1 to V4 voltages shown below. The voltage settings are selected using the LCD
bias set command.
1/65 DUTY
1/49 DUTY
1/33 DUTY
1/55 DUTY
1/53 DUTY
V1
V2
V3
V4
1/9*V5,1/7*V5
2/9*V5,2/7*V5
7/9*V5,5/7*V5
8/9*V5,6/7*V5
1/8*V5,1/6*V5
2/8*V5,2/6*V5
6/8*V5,4/6*V5
7/8*V5,5/6*V5
1/6*V5,1/5*V5
2/6*V5,2/5*V5
4/6*V5,3/5*V5
5/6*V5,4/5*V5
1/8*V5,1/6*V5
2/8*V5,2/6*V5
6/8*V5,4/6*V5
7/8*V5,5/6*V5
1/8*V5,1/6*V5
2/8*V5,2/6*V5
6/8*V5,4/6*V5
7/8*V5,5/6*V5
10
LCD Power Supply Pins
Pin Name
I/O
Function
No. of Pins
CAP1+
O
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP1- terminal.
4
CAP1–
O
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP1+ terminal.
2
CAP2+
O
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP2- terminal.
2
CAP2–
O
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP2+ terminal.
2
CAP3–
O
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP1+ terminal.
2
CAP4–
O
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP2+ terminal.
2
CAP5–
O
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP1+ terminal.
2
VOUT
O
DC/DC voltage converter. Connect a capacitor between this terminal and
VSS.
2
VR
I
Output voltage regulator terminal. Provides the voltage between VDD and
V5 through a resistive voltage divider.
IRS = “L” : the V5 voltage regulator internal resistors are not used .
IRS = “H” : the V5 voltage regulator internal resistors are used .
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com