Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7567 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ST7567 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 22Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 23Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 24Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
ST7565S
Ver 0.3c
21/72
2002/07/22
Pin Name
I/O
Function
No. of Pins
CLS
I
Terminal to select whether or enable or disable the display clock internal
oscillator circuit.
CLS = “H” : used Internal oscillator circuit .
CLS = “L” : used external clock input .(internal oscillator is disable)
When CLS = “L”, input the display clock through the CL terminal.
1
M/S
I
This terminal selects the master/slave operation for the ST7565S Series chips.
Master operation outputs the timing signals that are required for the LCD display, while
slave operation input the timing signals required for the liquid crystal display,
Synchronizing the liquid crystal display system.
M/S = “H” Master operation
M/S = “L” Slave operation
M/S CLS
Oscillator
Circuit
Power
Supply
Circuit
CL
FR
FRS
DOF
“H”
“H”
“L”
Enabled
Disabled
Enabled
Enabled
Output
Input
Output
Output
Output
Output
Output
Output
“L”
“H”
“L”
Disabled
Disabled
Disabled
Disabled
Input
Input
Input
Input
Output
Output
Input
Input
1
CL
I/O
This is the display clock input terminal
The following is true depending on the M/S and CLS status.
M/S CLS
CL
“H”
“H”
“L”
Output
Input
“L”
“H”
“L”
Input
Input
1
FR
O
This is the liquid crystal alternating current signal terminal.
1
/DOF
O
This is the LCD blanking control terminal.
1
FRS
O
This is the output terminal for the static drive.
This terminal is only enabled when the static indicator display is ON
and is used in conjunction with the FR terminal.
1
IRS
I
This terminal selects the resistors for the V5 voltage level adjustment.
IRS = “H”: Use the internal resistors
IRS = “L”: Do not use the internal resistors. The V5 voltage level is
regulated by an external resistive voltage divider attached to the VR terminal
1
/HPM
I
This is the power control terminal for the power supply circuit for liquid crystal
drive.
/HPM = “H”: Normal mode
/HPM = “L”: High power mode
1
SEL3
SEL2
SEL1
I
These pins are DUTY selection.
SEL 3 , 2 , 1
DUTY
BIAS
0 , 0 , 0
1/65
1/9 or 1/7
0 , 0 , 1
1/49
1/8 or 1/6
0 , 1 , 0
1/33
1/6 or 1/5
0 , 1 , 1
1/55
1/8 or 1/6
1 , 0 , 0
1/53
1/8 or 1/6
1, X , X
-----
-----
3
TEST0 ~ 5
I
These are terminals for IC testing.
They are set to open.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com