Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7567 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ST7567 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 46Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 47Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 48Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 49Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 50Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 51Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 52Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
ST7565S
Ver 0.3b
49/72
2002/06/23
Static Indicator Register Set
This command sets two bits of data into the static indicator register, and is used to set the static indicator into a blinking mode.
E
R/W
A0
/RD /WR
D7 D6 D5 D4 D3 D2 D1 D0
Indicator Display State
0
1
0
*
*
*
*
*
*
0
0
0
1
1
0
1 1
OFF
ON (blinking at approximately one second intervals)
ON (blinking at approximately 0.5 second intervals)
ON (constantly on)
* Disabled bit (set “0”)
Static Indicator Register Set Sequence
Figure 27
Power Save (Compound Command)
When the display all points ON is performed while the display is in the OFF mode, the power saver mode is entered, thus
greatly reducing power consumption.
The power saver mode has two different modes: the sleep mode and the standby mode. When the static indicator is OFF, it is
the sleep mode that is entered. When the static indicator is ON, it is the standby mode that is entered.
In the sleep mode and in the standby mode, the display data is saved as is the operating mode that was in effect before the
power saver mode was initiated, and the MPU is still able to access the display data RAM.
Refer to figure 28 for power save off sequence.
Figure 28
Static indicator mode set
Static indicator register set
Set complete ?
YES
NO
Static indicator mode clear
Static indicator OFF
Display OFF
Display all point ON
Sleep mode
Power save OFF
Display all point OFF
Static indicator ON (2 bytes)
Sleep mode cancel
Static indicator ON
Display OFF
Display all point ON
Standby mode
Power save OFF
( Display all point OFF )
Standby mode cancel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com