Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7567 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ST7567 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST7567 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
ST7565S
Ver 0.3c
2/73
2002/07/22
S
ST
T7
75
56
65
5S
S P
Pa
ad
d A
Arrrra
an
ng
ge
em
me
en
ntt
Chip Size:
9,336μm x 1,000 μm
Bump Pitch:
58μm(Min.)
Bump Size:
PAD No. 001〜012
40μm x 90μm
PAD No. 013〜102
56μm x 60μm
PAD No. 103〜114
40μm x 90μm
PAD No. 115
102μm x 37.5μm
PAD No. 116〜128
90μm x 40μm
PAD No. 129〜276
40μm x 90μm
PAD No. 277〜289
90μm x 40μm
PAD No. 290
102μm x 37.5μm
Bump Height:
18μm(Typ)
Chip Thickness: 660μm
VOUT maximum -13V (+10% Range)
ST7565S Temperature gradient = -0.05%/°C
Logic power supply VDD – VSS = 1.8V to 3.3 V (+10% Range)
Add new booster ratio 5 times and 6 times
Use select pin to define display duty as following table
SEL 3 , 2 , 1
DUTY
BIAS
0 , 0 , 0
1/65
1/9 or 1/7
0 , 0 , 1
1/49
1/8 or 1/6
0 , 1 , 0
1/33
1/6 or 1/5
0 , 1 , 1
1/55
1/8 or 1/6
1 , 0 , 0
1/53
1/8 or 1/6
1, X , X
-----
-----
128
(-4558,-410)
277
(4558,-410)
22um 30um 22um
30um
39um
38um 30um
38um
30um
115
1
114
(3528,395)
12
13
........
.
.
.
.
.
.
.......
.
.
.
.
.
.
.
.
129
276
290
....
X
Y
(0,0)
ST7565S
PAD DIAGRAM
38
um
24um
15
um
15
um
15
um 15um
30
um
38
um
15
um
15
um
15
um
15
um
15 um
15 um



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com